전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7430 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 TDA7430
상세설명  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7430 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button TDA7430_V01 Datasheet HTML 7Page - STMicroelectronics TDA7430_V01 Datasheet HTML 8Page - STMicroelectronics TDA7430_V01 Datasheet HTML 9Page - STMicroelectronics TDA7430_V01 Datasheet HTML 10Page - STMicroelectronics TDA7430_V01 Datasheet HTML 11Page - STMicroelectronics TDA7430_V01 Datasheet HTML 12Page - STMicroelectronics TDA7430_V01 Datasheet HTML 13Page - STMicroelectronics TDA7430_V01 Datasheet HTML 14Page - STMicroelectronics TDA7430_V01 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
TDA7430 - TDA7431
5
EXAMPLES
5.1 No Incremental Bus
The TDA7430/TDA7431 receives a start condition, the correct chip address, a subaddress with the MSB = 0 (no
incremental bus), N-datas (all these datas concern the subaddress selected), a stop condition.
Figure 12.
5.2 Incremental Bus
The TDA7430/TDA7431 receives a start condition, the correct chip address, a subaddress with the MSB = 1
(incremental bus): now it is in a loop condition with an autoincrease of the subaddress whereas SUBADDRESS
from "1XXX1010" to "1XXX1111" of DATA are ignored.The DATA 1 concern thesubaddress sent, and the DATA
2 concern the subaddress sent plus one in the loop etc, and at the end it receivers the stop condition.
Figure 13.
6
DATA BYTES
Address = 80(HEX) ADDR open; 82 (HEX): need to connect supply
6.1 Function Selection
Table 6. The first byte (Subaddress)
B = 1 incremental bus; active
B = 0 no incremental bus;
X = indifferent 0,1
MSB
LSB
SUBADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
B
X
X
X
0
0
0
0
INPUT ATTENUATION
B
X
X
X
0
0
0
1
SURROUND & OUT & EFFECT CONTROL
B
X
X
X
0
0
1
0
PHASE RESISTOR
B
X
X
X
0
0
1
1
BASS & NATURAL BASE
BX
XX
0
1
0
0
MIDDLE & TREBLE
B
X
X
X
0
1
0
1
SPEAKER ATTENUATION "L"
B
X
X
X
0
1
1
0
SPEAKER ATTENUATION "R"
BX
XX
0
1
1
1
AUX ATTENUATION "L"
BX
XX
1
0
0
0
AUX ATTENUATION"R"
B
X
X
X
1
0
0
1
INPUT MULTIPLEXER, & AUX OUT
S
1
0
0
0
0
0
A
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D95AU306
0
D3
SUBADDRESS
DATA
X
X
X
D2 D1 D0
S
1
0
0
0
0
0
A
0
ACK
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D95AU307
1
D3
SUBADDRESS
DATA 1 to DATA n
X
X
X
D2 D1 D0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23