| 전자부품 데이터시트 검색엔진 |
|
SCL-RHYTHM 데이터시트(PDF) 2 Page - Elma Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SCL-RHYTHM 데이터시트(HTML) 2 Page - Elma Electronic Ltd |
|
2 / 18 page ![]() Product Information • SCL-RHYTHM • M.2 NVMe & Quad M12 Gigabit Ethernet General The SCL-RHYTHM is a mezzanine side card for EKF CPU boards, provided with a socket for a PCI Express® based M.2 mass storage module, and four independent Gigabit Ethernet controllers for universal networking. The SCL-RHYTHM is suitable for EKF CPU cards such as the SC4-CONCERTO or SC5-FESTIVAL, which are equipped with two HSE (high speed expansion) mezzanine connectors, for eight PCIe® Gen3 lanes. The M.2 socket can accommodate an NVMe type SSD module up to the 2280 form factor, with a PCIe® x4 Gen3 interface for superior data transfer rates. When used as main mass storage device, the NVMe SSD can speed up the overall system performance dramatically. Four I210-IT networking controllers supporting TSN Gigabit Ethernet are wired to X-coded M12 front panel connectors, for rugged applications such as railway and transportation. © EKF -2- ekf.com |