전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

22/12P 데이터시트(PDF) 1 Page - Structured Cable Products Inc.

부품명 22/12P
상세설명  12C/22 AWG STRANDED PLENUM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STRUCTURED-CABLE [Structured Cable Products Inc.]
홈페이지  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

22/12P 데이터시트(HTML) 1 Page - Structured Cable Products Inc.

  22/12P Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
( All of the above values are approximated to within
)
02/22
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: +1-866-470-5742
SCP PART#: 22/12P
Description : 12C/22 AWG STRANDED PLENUM - WHITE- 1000 FT SPOOL
General Specication of Product :
Final Diameter :
0.213 inches
5.410 mm
Total Cable Weight:
60.0 kg/km
40.3 lbs/1000 ft
Conductor :
12 Cond - 22 AWG 7x.0097 Bare Copper
PVC
Insulation :
PVC
Outer Jacket :
Print Notes :
Sequentially marked per 2FT (0 - infinity)
Standard Print :
STRUCTURED CABLE PRODUCTS --- P/N 22/12P --- (UL) CL2P/CL3P
E198137-SCP OR FPLP 75°C (UL) C(UL) CMP FT-6 UNSH 12/C 22 AWG STR
BC --- ZONE/DEVICE A B C D E 0 1 2 3 4 5 6 7 8 9 RoHS
Electrical Characteristics :
DC Resistance 25°C:
16.5 Ohms / 1000 ft
24.3 pF/ft
Mutual Capacitance :
75 Ohms
Impedance :
59 %
Velocity of Prop :
1.5 mH/km
Inductance. :
Additional Information
:
Cabled OD Avg: 0.183
Ins Thickness: 0.008
Jkt Thickness: 0.015
Certified: UL CL2P/CL3P OR FPLP / UL C(UL) CMP
Flame Rating: Plenum
Max Voltage: 300V
Packaging: Plywood Spool 12 x 10 x 5"
Packaging Weight: 41 lbs / 19 kgs


유사한 부품 번호 - 22/12P

제조업체부품명데이터시트상세설명
logo
Structured Cable Produc...
22/12-500 STRUCTURED-CABLE-22/12-500 Datasheet
102Kb / 1P
12C/22AWG STRANDED BC
More results

유사한 설명 - 22/12P

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
1344189 ETC2-1344189 Datasheet
100Kb / 3P
18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
1345074 ETC2-1345074 Datasheet
99Kb / 3P
18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
1345332 ETC2-1345332 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation,
1345992 ETC2-1345992 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
1346352 ETC2-1346352 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, plenum, FEP insulation,
33441 ETC2-33441 Datasheet
38Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
82442 ETC2-82442 Datasheet
97Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, plenum, FEP insulation
82723 ETC2-82723 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
1325A ETC2-1325A Datasheet
98Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, Flamarrest insulation
logo
Belden Inc.
6501UE BELDEN-6501UE Datasheet
172Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, Plenum
12-20-2022
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com