| 전자부품 데이터시트 검색엔진 |
|
VND830LSP 데이터시트(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VND830LSP 데이터시트(HTML) 5 Page - STMicroelectronics |
|
5 / 27 page ![]() VND830LSP Block diagram and pin description Doc ID 9431 Rev 5 5/27 1 Block diagram and pin description Figure 1. Block diagram Figure 2. Configuration diagram (top view) Table 2. Suggested connections for unused and not connected pins Connection / pin Status N.C. Output Input Floating X X X X To ground X Through 10K Ω resistor OVERTEMP. 1 Vcc GND INPUT1 OUTPUT1 OVERVOLTAGE LOGIC DRIVER 1 STATUS1 Vcc CLAMP UNDERVOLTAGE CLAMP 1 OPEN LOAD ON 1 CURRENT LIMITER 1 OPEN LOAD OFF 1 OUTPUT2 DRIVER 2 CLAMP 2 OPEN LOAD ON 2 OPEN LOAD OFF 2 OVERTEMP. 2 INPUT2 STATUS2 CURRENT LIMITER 2 1 2 3 4 5 6 7 8 9 10 11 OUTPUT 1 OUTPUT 1 N.C. OUTPUT 2 OUTPUT 2 GROUND INPUT 1 STATUS 1 STATUS 2 INPUT 2 VCC Obsolete Product(s) - Obsolete Product(s) |