전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VNQ7040AY 데이터시트(PDF) 31 Page - STMicroelectronics

부품명 VNQ7040AY
상세설명  Quad channel high-side driver with MultiSense analog feedback for automotive applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ7040AY 데이터시트(HTML) 31 Page - STMicroelectronics

Back Button VNQ7040AY Datasheet HTML 27Page - STMicroelectronics VNQ7040AY Datasheet HTML 28Page - STMicroelectronics VNQ7040AY Datasheet HTML 29Page - STMicroelectronics VNQ7040AY Datasheet HTML 30Page - STMicroelectronics VNQ7040AY Datasheet HTML 31Page - STMicroelectronics VNQ7040AY Datasheet HTML 32Page - STMicroelectronics VNQ7040AY Datasheet HTML 33Page - STMicroelectronics VNQ7040AY Datasheet HTML 34Page - STMicroelectronics VNQ7040AY Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
VNQ7040AY
Application information
DocID027406 Rev 4
31/50
4
Application information
Figure 39: Application diagram
4.1
GND protection network against reverse battery
Figure 40: Simplified internal structure
The device does not need any external components to protect the internal logic in case of a
reverse battery condition. The protection is provided by internal structures.
MCU
INPUT
SEn
Multisense
FaultRST
Vcc
OUTPUT
GND
Rprot
Rprot
Rprot
Rprot
Dld
Rsense
5V
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50