전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC6571IDBVT.B 데이터시트(PDF) 1 Page - Texas Instruments

부품명 DAC6571IDBVT.B
상세설명  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

DAC6571IDBVT.B 데이터시트(HTML) 1 Page - Texas Instruments

  DAC6571IDBVT.B Datasheet HTML 1Page - Texas Instruments DAC6571IDBVT.B Datasheet HTML 2Page - Texas Instruments DAC6571IDBVT.B Datasheet HTML 3Page - Texas Instruments DAC6571IDBVT.B Datasheet HTML 4Page - Texas Instruments DAC6571IDBVT.B Datasheet HTML 5Page - Texas Instruments DAC6571IDBVT.B Datasheet HTML 6Page - Texas Instruments DAC6571IDBVT.B Datasheet HTML 7Page - Texas Instruments DAC6571IDBVT.B Datasheet HTML 8Page - Texas Instruments DAC6571IDBVT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
VDD
SCL
A0
GND
Output
Buffer
Power-Down
Control Logic
Resistor
Network
Ref (+) Ref (−)
10-Bit
DAC
I2C
Control
Logic
DAC
Register
Power-On
Reset
VOUT
SDA
DAC6571
SLAS406B – DECEMBER 2003 – REVISED AUGUST 2005
+2.7 V to +5.5 V, I2C INTERFACE, VOLTAGE OUTPUT,
10-BIT DIGITAL-TO-ANALOG CONVERTER
•
Micropower Operation: 125
µA @ 3 V
The DAC6571 is a low-power, single-channel, 10-bit
•
Fast Update Rate: 188 kSPS
buffered voltage output digital-to-analog converter
(DAC). Its on-chip precision output amplifier allows
•
Power-On Reset to Zero
rail-to-rail output swing to be achieved. The DAC6571
•
+2.7-V to +5.5-V Power Supply
utilizes an I2C-compatible, two-wire serial interface
•
Specified Monotonic by Design
that operates at clock rates up to 3.4 MBPS with
•
I2C™ Interface up to 3.4 MBPS
address support of up to two DAC6571s on the same
data bus.
•
On-Chip Output Buffer Amplifier, Rail-to-Rail
Operation
The output voltage range of the DAC is 0 V to VDD.
•
Double-Buffered Input Register
The DAC6571 incorporates a power-on-reset circuit
•
Address Support for up to Two DAC6571s
that ensures that the DAC output powers up at zero
volts and remains there until a valid write to the
•
Small SOT23-6 Package
device
takes
place.
The
DAC6571
contains
a
•
Operation From –40
°C to +105°C
power-down feature, accessed via the internal control
register, that reduces the current consumption of the
device to 50 nA at 5 V.
•
Process Control
The low power consumption of this part in normal
•
Data Acquistion Systems
operation makes it ideally suited for portable battery
•
Closed-Loop Servo Control
operated equipment. The power consumption is less
•
PC Peripherals
than 0.7 mW at VDD = 5 V reducing to 1 µW in
power-down mode.
•
Portable Instrumentation
The
DAC7571/6571/5571
are
12/10/8-bit,
single-channel I2C DACs from the same family. The
DAC7574/6574/5574 and DAC7573/6573/5573 are
12/10/8-bit, quad-channel I2C DACs. Also see the
DAC8571/8574 for single/quad-channel, 16-bit I2C
DACs.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
I2C is a trademark of Philips Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - DAC6571IDBVT.B

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC6571IDBVT TI-DAC6571IDBVT Datasheet
524Kb / 22P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571IDBVT TI1-DAC6571IDBVT Datasheet
732Kb / 25P
INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571IDBVTG4 TI1-DAC6571IDBVTG4 Datasheet
732Kb / 25P
INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
More results

유사한 설명 - DAC6571IDBVT.B

제조업체부품명데이터시트상세설명
logo
Texas Instruments
THS1030 TI-THS1030 Datasheet
302Kb / 22P
2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031 TI-THS1031 Datasheet
358Kb / 26P
2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
DAC5571 TI-DAC5571 Datasheet
453Kb / 21P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7571 TI-DAC7571 Datasheet
766Kb / 21P
2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI-DAC5571_07 Datasheet
625Kb / 23P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI1-DAC5571 Datasheet
564Kb / 24P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
DAC7571 TI1-DAC7571_15 Datasheet
1Mb / 27P
2.7 V to 5.5 V, I2C INTERFACE (RECEIVE ONLY), VOLTAGE OUTPUT,12-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com