전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9396 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 L9396
상세설명  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button L9396_V01 Datasheet HTML 4Page - STMicroelectronics L9396_V01 Datasheet HTML 5Page - STMicroelectronics L9396_V01 Datasheet HTML 6Page - STMicroelectronics L9396_V01 Datasheet HTML 7Page - STMicroelectronics L9396_V01 Datasheet HTML 8Page - STMicroelectronics L9396_V01 Datasheet HTML 9Page - STMicroelectronics L9396_V01 Datasheet HTML 10Page - STMicroelectronics L9396_V01 Datasheet HTML 11Page - STMicroelectronics L9396_V01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 109 page
background image
Description
L9396
8/109
DS12539 Rev 10
1
Description
The L9396 is an integrated power management System Basis Chip targeting a large
spectrum of automotive electronics applications, in particular ABS, EPS and Transmission,
compatible with single (12 V) battery system.
It combines a switched mode power supply for pre-regulation along with 3 independent
integrated linear regulators and a powerful configurable regulator for µC supply that can
operate either in buck or linear mode with an external FET.
The device also integrates a 4-channel flexible interface for Wheel Speed Sensor or tracking
regulation, 2 configurable pre-drivers for fail safe and motor pump, 1 configurable general
purpose outputs, wake-up detection circuitry, advanced fail-safe functionality, watchdog
control and system monitoring.
The boost regulator (optionally enabled) is intended to sustain cold cranking pulses,
stop & start and weak battery conditions, while the buck pre-regulator drastically improves
the power efficiency and CO2 emissions.
Different combinations enable to supply the system microcontroller and external peripheral
loads and sensors with wide current ranges and adjustable voltage levels.
In addition, the L9396 provides enhanced system standby functionalities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More