전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9679ETR 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 L9679ETR
상세설명  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679ETR 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button L9679ETR Datasheet HTML 14Page - STMicroelectronics L9679ETR Datasheet HTML 15Page - STMicroelectronics L9679ETR Datasheet HTML 16Page - STMicroelectronics L9679ETR Datasheet HTML 17Page - STMicroelectronics L9679ETR Datasheet HTML 18Page - STMicroelectronics L9679ETR Datasheet HTML 19Page - STMicroelectronics L9679ETR Datasheet HTML 20Page - STMicroelectronics L9679ETR Datasheet HTML 21Page - STMicroelectronics L9679ETR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 127 page
background image
The L9679E checks the validity of the received WID and RID fields in the MOSI_G frame. Should an SPI write
command with WID matching a writeable register be received in an illegal operating state, the command will be
discarded and the ERR_WID bit will be flagged in the next Global Status Word GSW. The ERR_WID flag is not
set in case WID addresses a read/only register. Should a SPI read command be received containing an unused
RID address, the command will be discarded and the ERR_RID bit will be flagged in the current GSW.
Table 7. Global SPI register map
RID / WID
Hex
R/W
Name
Description
Operating state(1)
0
0
0
0
0
0
0
0
0x00
R
FLTSR
Global fault status
register
0
0
0
0
0
0
0
1
0x01
R/W
SYS_CFG
General system
initialization
√
0
0
0
0
0
0
1
0
0x02
R/W
SYS_CTL
General system
configuration
√
√
√
0
0
0
0
0
0
1
1
0x03
W
SPI_SOFT_RES
ET
Command to trigger
internal SSM reset
√
√
√
0
0
0
0
0
1
0
0
0x04
R
SYS_STATE
Read register to
report in which
operating state the
device is
0
0
0
0
0
1
0
1
0x05
R
POWER_STATE
Power state register
(feedback on voltage
thresholds)
0
0
0
0
0
1
1
0
0x06
R/W
DCR_0
Deployment
configuration
register
√
√
0
0
0
0
0
1
1
1
0x07
R/W
DCR_1
√
√
0
0
0
0
1
0
0
0
0x08
R/W
DCR_2
√
√
0
0
0
0
1
0
0
1
0x09
R/W
DCR_3
√
√
0
0
0
0
1
0
1
0
0x0A
R/W
DCR_4
√
√
0
0
0
0
1
0
1
1
0x0B
R/W
DCR_5
√
√
0
0
0
0
1
1
0
0
0x0C
R/W
DCR_6
√
√
0
0
0
0
1
1
0
1
0x0D
R/W
DCR_7
√
√
0
0
0
0
1
1
1
0
0x0E
0
0
0
0
1
1
1
1
0x0F
0
0
0
1
0
0
0
0
0x10
0
0
0
1
0
0
0
1
0x11
0
0
0
1
0
0
1
0
0x12
R/W
DEPCOM
Deployment
command register
√
0
0
0
1
0
0
1
1
0x13
R
DSR_0
Deployment status
register
0
0
0
1
0
1
0
0
0x14
R
DSR_1
0
0
0
1
0
1
0
1
0x15
R
DSR_2
0
0
0
1
0
1
1
0
0x16
R
DSR_3
0
0
0
1
0
1
1
1
0x17
R
DSR_4
0
0
0
1
1
0
0
0
0x18
R
DSR_5
0
0
0
1
1
0
0
1
0x19
R
DSR_6
0
0
0
1
1
0
1
0
0x1A
R
DSR_7
0
0
0
1
1
0
1
1
0x1B
L9679E
SPI interface
DS12485 - Rev 8
page 18/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More