전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9949 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 L9949
상세설명  DOOR ACTUATOR DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9949 데이터시트(HTML) 4 Page - STMicroelectronics

  L9949 Datasheet HTML 1Page - STMicroelectronics L9949 Datasheet HTML 2Page - STMicroelectronics L9949 Datasheet HTML 3Page - STMicroelectronics L9949 Datasheet HTML 4Page - STMicroelectronics L9949 Datasheet HTML 5Page - STMicroelectronics L9949 Datasheet HTML 6Page - STMicroelectronics L9949 Datasheet HTML 7Page - STMicroelectronics L9949 Datasheet HTML 8Page - STMicroelectronics L9949 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
L9949
4/20
PIN FUNCTION
N°
Pin
Description
1, 10,
11, 20
GND
Ground:
Reference potential
Important: For the capability of driving the full current at the outputs all pins of GND must be
externally connected !
5, 8, 13,
18
VS
Power supply voltage (battery):
For this input a ceramic capacitor as close as possible to GND is recommended.
Important: For the capability of driving the full current at the outputs all pins of VS must be
externally connected !
15
VCC
Logic supply voltage:
For this input a ceramic capacitors as close as possible to GND are recommended.
14
CSN
Chip Select Not input:
This input is low active and requires CMOS logic levels. The serial data transfer between L9949
and micro controller is enabled by pulling the input CSN to low level. If an input voltage of more
than 9.6V above VCC is applied to CSN pin the L9949 will be switched into a test mode.
6CLK
Serial clock input:
This input controls the internal shift register of the SPI and requires CMOS logic levels.
7
Data In
Serial data input:
The input requires CMOS logic levels and receives serial data from the microcontroller. The data
is an 16bit control word and the least significant bit (LSB, bit 0) is transferred first.
17
Data Out Serial data output:
The diagnosis data is available via the SPI and this tristate-output. The output will remain in
tristate, if the chip is not selected by the input CSN (CSN = high)
16
CM
Current monitor output:
Depending on the multiplexer bits 12 and 13 of the Input Data register this output sources an
image of the instant current through the corresponding highside driver with a ratio of 1/10000
9OUT1
Halfbridge-output 1:
The output is built by a highside and a lowside switch, which are internally connected. The
output stage of both switches is a power DMOS transistor. Each driver has an internal parasitic
reverse diode (bulk-drain-diode, highside driver from OUT1 to VS, lowside driver from GND to
OUT1). This output is overcurrent and open load protected.
12
OUT2
Halfbridge-output 2:
→ see OUT1 (pin 9)
2OUT3
Halfbridge-output 3:
The output is built by a highside and a lowside switch, which are internally connected. The
output stage of both switches is a power DMOS transistor. Each driver has an internal parasitic
reverse diode (bulk-drain-diode, highside driver from OUT3 to VS, lowside driver from GND to
OUT3). This output is overcurrent and open load protected.
3OUT4
Halfbridge-output 4:
→ see OUT3 (pin 2)
4OUT5
Halfbridge-output 5:
→ see OUT3 (pin 2)
19
OUT6
Highside-driver-output 6:
The output is built by a highside switch and can be used only for a resistive load, because the
internal reverse diode from GND to OUT6 is missing. This highside switch is a power DMOS
transistor with an internal parasitic reverse diode from OUT6 to VS (bulk-drain-diode). The output
is overcurrent and open load protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com