전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9950 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 L9950
상세설명  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button L9950_V01 Datasheet HTML 15Page - STMicroelectronics L9950_V01 Datasheet HTML 16Page - STMicroelectronics L9950_V01 Datasheet HTML 17Page - STMicroelectronics L9950_V01 Datasheet HTML 18Page - STMicroelectronics L9950_V01 Datasheet HTML 19Page - STMicroelectronics L9950_V01 Datasheet HTML 20Page - STMicroelectronics L9950_V01 Datasheet HTML 21Page - STMicroelectronics L9950_V01 Datasheet HTML 22Page - STMicroelectronics L9950_V01 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
L9950 - L9950XP
Electrical specifications
Doc ID 10311 Rev 11
19/39
Figure 8.
SPI - timing of status bit 0 (fault condition)
CSN
CLK
DI
DO
CSN high to low and CLK stays low: status information of data bit 0 (fault condition) is transfered to DO
DI: data is not accepted
DO: status information of data bit 0 (fault condition) will stay as long as CSN is low
time
time
time
time
0-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39