| 전자부품 데이터시트 검색엔진 |
|
L9953TR 데이터시트(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9953TR 데이터시트(HTML) 35 Page - STMicroelectronics |
|
35 / 38 page ![]() L9953 / L9953XP Package and packing information Doc ID 14278 Rev 4 35/38 Figure 14. PowerSO-36™ tape and reel shipment (suffix “TR”) REEL DIMENSIONS Base Qty 600 Bulk Qty 600 A (max) 330 B (min) 1.5 C (±0.2) 13 D (min) 20.2 G (+2 / -0) 24.4 N (min) 60 T (max) 30.4 TAPE DIMENSIONS All dimensions are in mm. A0 15.20 ± 0.1 B0 16.60 ± 0.1 K0 3.90 ± 0.1 K1 3.50 ± 0.1 F 11.50 ± 0.1 P1 24.00 ± 0.1 W 24.00 ± 0.3 |