| 전자부품 데이터시트 검색엔진 |
|
L9954TR 데이터시트(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9954TR 데이터시트(HTML) 14 Page - STMicroelectronics |
|
14 / 37 page ![]() Electrical specifications L9954 / L9954XP 14/37 Doc ID 14279 Rev 4 Table 13. Inputs: CSN, CLK, PWM1/2 and DI Symbol Parameter Test condition Min. Typ. Max. Unit VinL Input low level VCC = 5V 1.5 2.0 V VinH Input high level VCC = 5V 3.0 3.5 V VinHyst Input hysteresis VCC = 5V 0.5 V ICSN in Pull up current at input CSN VCSN = 3.5V VCC = 5V -40 -20 -5 µA ICLK in Pull down current at input CLK VCLK = 1.5V 10 25 50 µA IDI in Pull down current at input DI VDI = 1.5V 10 25 50 µA IPWM1 in Pull down current at input PWM1 VPWM = 1.5V 10 25 50 µA Cin (1) 1. Value of input capacity is not measured in production test. Parameter guaranteed by design. Input capacitance at input CSN, CLK, DI and PWM1/2 0 V < VCC < 5.3V 10 15 pF Table 14. DI timing (1) 1. DI timing parameters tested in production by a passed / failed test: Tj= -40°C / +25°C: SPI communication @ 2MHz. Tj= +125°C SPI communication @ 1.25 MHz. Symbol Parameter Test condition Min. Typ. Max. Unit tCLK Clock period VCC = 5V 1000 ns tCLKH Clock high time VCC = 5V 400 ns tCLKL Clock low time VCC = 5V 400 ns tset CSN CSN setup time, CSN low before rising edge of CLK VCC = 5V 400 ns tset CLK CLK setup time, CLK high before rising edge of CSN VCC = 5V 400 ns tset DI DI setup time VCC = 5V 200 ns thold DI DI hold time VCC = 5V 200 ns tr in Rise time of input signal DI, CLK, CSN VCC = 5V 100 ns tf in Fall time of input signal DI, CLK, CSN VCC = 5V 100 ns Table 15. DO Symbol Parameter Test condition Min. Typ. Max. Unit VDOL Output low level VCC = 5 V, ID = -2mA 0.2 0.4 V VDOH Output high level VCC = 5 V, ID = 2 mA VCC -0.4 VCC-0.2 V |