전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP23AB01DH 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 MP23AB01DH
상세설명  High-performance MEMS audio sensor: fully differential analog bottom-port microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23AB01DH 데이터시트(HTML) 5 Page - STMicroelectronics

  MP23AB01DH_V01 Datasheet HTML 1Page - STMicroelectronics MP23AB01DH_V01 Datasheet HTML 2Page - STMicroelectronics MP23AB01DH_V01 Datasheet HTML 3Page - STMicroelectronics MP23AB01DH_V01 Datasheet HTML 4Page - STMicroelectronics MP23AB01DH_V01 Datasheet HTML 5Page - STMicroelectronics MP23AB01DH_V01 Datasheet HTML 6Page - STMicroelectronics MP23AB01DH_V01 Datasheet HTML 7Page - STMicroelectronics MP23AB01DH_V01 Datasheet HTML 8Page - STMicroelectronics MP23AB01DH_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP23AB01DH
Acoustic and electrical specifications
DocID030017 Rev 2
5/12
2.2
Frequency response
Figure 2: Typical free-field frequency response normalized at 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com