전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA326 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 STA326
상세설명  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button STA326_V01 Datasheet HTML 31Page - STMicroelectronics STA326_V01 Datasheet HTML 32Page - STMicroelectronics STA326_V01 Datasheet HTML 33Page - STMicroelectronics STA326_V01 Datasheet HTML 34Page - STMicroelectronics STA326_V01 Datasheet HTML 35Page - STMicroelectronics STA326_V01 Datasheet HTML 36Page - STMicroelectronics STA326_V01 Datasheet HTML 37Page - STMicroelectronics STA326_V01 Datasheet HTML 38Page - STMicroelectronics STA326_V01 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
DocID11531 Rev 9
35/64
STA326
Register description
64
When ECLE is active, it issues a power device power down signal (EAPD) on clock loss
detection.
EAPD is used to actively power down a connected DDX® power device. This register has to
be written to 1 at start-up to enable the DDX® power device for normal operation.
Table 43. Auto-EAPD on clock loss enable
Bit
R/W
RST
Name
Description
5
RW
0
ECLE
Auto EAPD on clock loss
0: disabled
1: enabled
Table 44. Software power down
Bit
R/W
RST
Name
Description
6
RW
1
PWDN
Software power down:
0: power down mode: initiates a power-down sequence
which results in a soft mute of all channels and finally
asserts EAPD circa 260 ms later
1: normal operation
Table 45. External amplifier power down
Bit
R/W
RST
Name
Description
7
RW
0
EAPD
External amplifier power down:
0: external power stage power down active
1: normal operation
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com