전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DRV8844PWPR 데이터시트(PDF) 8 Page - Texas Instruments

부품명 DRV8844PWPR
상세설명  DRV8844 Quad Half-Bridge Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8844PWPR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button DRV8844PWPR Datasheet HTML 4Page - Texas Instruments DRV8844PWPR Datasheet HTML 5Page - Texas Instruments DRV8844PWPR Datasheet HTML 6Page - Texas Instruments DRV8844PWPR Datasheet HTML 7Page - Texas Instruments DRV8844PWPR Datasheet HTML 8Page - Texas Instruments DRV8844PWPR Datasheet HTML 9Page - Texas Instruments DRV8844PWPR Datasheet HTML 10Page - Texas Instruments DRV8844PWPR Datasheet HTML 11Page - Texas Instruments DRV8844PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
5.7 Typical Characteristics
Temperature (qC)
-50
0
50
100
150
80%
90%
100%
110%
120%
130%
140%
D001
Figure 5-2. RDS(ON) vs Temperature
VM (V)
0
10
20
30
40
50
60
455
460
465
470
475
480
485
490
495
500
D002
Figure 5-3. Sleep-Mode Current vs VM
Temperature (qC)
-50
0
50
100
150
80%
85%
90%
95%
100%
105%
110%
115%
120%
125%
D003
Figure 5-4. Sleep-Mode Current vs Temperature
DRV8844
SLVSBA2E – JULY 2012 – REVISED JULY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DRV8844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com