전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KSSG55J32AV 데이터시트(PDF) 5 Page - Kingstate Electronics Corp.

부품명 KSSG55J32AV
상세설명  Magnetic Buzzer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGSTATE [Kingstate Electronics Corp.]
홈페이지  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KSSG55J32AV 데이터시트(HTML) 5 Page - Kingstate Electronics Corp.

  KSSG55J32AV Datasheet HTML 1Page - Kingstate Electronics Corp. KSSG55J32AV Datasheet HTML 2Page - Kingstate Electronics Corp. KSSG55J32AV Datasheet HTML 3Page - Kingstate Electronics Corp. KSSG55J32AV Datasheet HTML 4Page - Kingstate Electronics Corp. KSSG55J32AV Datasheet HTML 5Page - Kingstate Electronics Corp. KSSG55J32AV Datasheet HTML 6Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
志豐電子股份有限公司
KINGSTATE ELECTRONICS CORP 5/6 KSSG55J32AV
H. RELIABILITY TEST 信賴性測試
No.
Item
Test condition
Evaluation standard
1
Operating
life test
壽命測試
1.Continuous life test 高溫壽命測試(連續)
The part shall be subjected to 72 hours at +70℃ with5Vo-p , 4000Hz
applied.
在
+70℃環境下,輸入 5Vo-p , 4000Hz 連續操作 72 小時.
2.Intermittent life test 室溫壽命測試(間歇)
A duty cycle of 1 minute on, 1 minutes off, a minimum of 5000 times at
room temp.( +25±10℃) with5Vo-p ,4000Hz applied.
在室溫下
(+25±10℃), 輸入 5Vo-p , 4000Hz 通電 1 分鐘/斷電 1 分鐘,測
試
5000 次循環.
After the test the part shall
meet specifications
with-out any degradation
in appearance and
performance except SPL.
after 4 hours at +25℃.
the SPL should be in
±10dBA compared with
initial one.
經測試後, 靜置於+25℃
(室溫)環境中 4 小時後,
單體除音壓外, 外觀及電
氣特性須符合規格. 輸出
音壓變化量須在
±10dBA
內
.
TEST CONDITION.
Standard Test Condition
:
a) Temperature : +5 ~ +35℃ b) Humidity : 45-85%
c) Pressure : 860-1060mbar
一般測試條件
:
a) 溫度 : +5 ~ +35℃
b) 濕度 : 45-85%
c) 氣壓 : 860-1060mbar
Judgement Test Condition
:
a) Temperature : +25 ± 2℃
b) Humidity : 60-70%
c) Pressure : 860-1060mbar
爭議時測試條件
:
a) 溫度 : +25 ± 2℃
b) 濕度 : 60-70%
c) 氣壓 : 860-1060mbar
I. Recommended Temperature Profile For Reflow Oven 建議迴焊爐溫度曲線
Tim e [sec]
Peak Tem p
217°C
260°C
溫
度
°C
60~180sec
60~150sec
SM T R eflow Tem perature Profile (Pb_Free)
255°C
20~40 sec
150°C
200°C
*Reflow can’t over 1 time. 迴流焊次数不超過 1 次
J. Recommended land pattern 建議基板設計尺寸圖



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com