전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KSSGL4B12-S 데이터시트(PDF) 2 Page - Kingstate Electronics Corp.

부품명 KSSGL4B12-S
상세설명  Magnetic Buzzer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGSTATE [Kingstate Electronics Corp.]
홈페이지  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KSSGL4B12-S 데이터시트(HTML) 2 Page - Kingstate Electronics Corp.

  KSSGL4B12-S Datasheet HTML 1Page - Kingstate Electronics Corp. KSSGL4B12-S Datasheet HTML 2Page - Kingstate Electronics Corp. KSSGL4B12-S Datasheet HTML 3Page - Kingstate Electronics Corp. KSSGL4B12-S Datasheet HTML 4Page - Kingstate Electronics Corp. KSSGL4B12-S Datasheet HTML 5Page - Kingstate Electronics Corp. KSSGL4B12-S Datasheet HTML 6Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
S-志豐電子股份有限公司 KINGSTATE ELECTRONICS CORP
2/6 KSSGL4B12-S
A. SCOPE 範疇
This specification applies magnetic buzzer, KSSGL4B12-S
此規格書適用於電磁式蜂鳴器, KSSGL4B12-S
B. SPECIFICATION 規格
No.
Item
Unit
Specification
Condition
1
Rated Voltage
額定電壓
Vo-p
3.6
Vo-p
0V
2
Operating Volt.
操作電壓
Vo-p
2.5~4.5
3
Mean Current
平均耗電流
mA
Max.120
Applying rated voltage,2700Hz square wave,
1/2duty
施以額定電壓,2700Hz,方波, 50%負載
4
Coil Resistance
直流阻抗
Ω
12 ± 2
5
Sound Output
輸出音壓
dBA
Min.85
(Typical 90)
Distance
at
10cm(A-weight).
Applying
rated
voltage 2700Hz,square wave, 1/2duty
在 10 公分處,施以額定電壓,2700Hz,方波, 50%負載
6
Rated Frequency
額定頻率
Hz
2700
7
Operating Temp.
操作溫度
℃
-40 ~ +85
8
Storage Temp.
儲存溫度
℃
-40 ~ +85
9
Dimension
尺寸
mm
L6.5 x W6.5 x H4.0
See attached drawing.
請參照外觀尺寸圖
10
Weight
重量
gram
0.8
11
Material
材質
L.C.P (Black)
12
Terminal
端子
SMD type
(鍍錫/Plating Sn)
See attached drawing.
請參照外觀尺寸圖
13
Environmental
Protection Regulation
環保法規
HSF
14
Storage life
保存期限
month
6
6 months preservation at room temp.
(25±3℃), Humidity40%
在室溫下 25±3℃,濕度 40%以下可保存 6 個月.



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com