| 전자부품 데이터시트 검색엔진 |
|
L4989D013TR 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L4989D013TR 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 19 page ![]() DS8714 Rev 3 7/19 L4989D, L4989MD Electrical specifications 18 2 Electrical specifications 2.1 Absolute maximum ratings Note: Maximum ratings are absolute ratings; exceeding any one of these values may cause permanent damage to the integrated circuit. 2.2 Thermal data Table 3. Absolute maximum ratings Symbol Parameter Value Unit VVsdc DC supply voltage -0.3 to 40 V IVsdc Input current Internally limited VVo DC output voltage -0.3 to 6 V IVo DC output current Internally limited VWi Watchdog input voltage -0.3 to VVo + 0.3 V Vod Open Drain output voltage -0.3 to VVo + 0.3 V Iod Open Drain output current Internally limited Vcr Reset delay voltage -0.3 to VVo + 0.3 V Vcw Watchdog delay voltage -0.3 to VVo + 0.3 V VWEn Watchdog Enable input voltage -0.3 to 40 V Tj Junction temperature -40 to 150 °C VESD ESD voltage level (HBM-MIL STD 883C) ±2 kV Table 4. Thermal data Symbol Parameter S0-8 S0-12+4+4 Unit Rth-jamb Thermal resistance junction to ambient 130 to 180 50(1) 1. With 6 sq. cm on board heat sink. °C/W |