전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L5959 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 L5959
상세설명  Multifunction voltage regulator for car radio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5959 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button L5959 Datasheet HTML 8Page - STMicroelectronics L5959 Datasheet HTML 9Page - STMicroelectronics L5959 Datasheet HTML 10Page - STMicroelectronics L5959 Datasheet HTML 11Page - STMicroelectronics L5959 Datasheet HTML 12Page - STMicroelectronics L5959 Datasheet HTML 13Page - STMicroelectronics L5959 Datasheet HTML 14Page - STMicroelectronics L5959 Datasheet HTML 15Page - STMicroelectronics L5959 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Electrical specification
L5959
12/19
tpor
RST POR delay time
CRSTDLY = 0.1 µF
20
30
50
ms
Tglitch
Glitch rejection filter time
5
12.5
20
µs
ENABLE INPUT (VREGSW, V8P5, V810, HSD1, HSD2)
VIH
Threshold recognized as high
level
2.0
V
VIL
Threshold recognized as low
level
0.8
V
VHYSEN
Hysteresis of enable
0.15
0.35
V
ILKGEN
Enable input pull-down current
VEN = VIL(mIN) to VSTBY
10
30
50
µA
1.
Drop condition means that the supply voltage drop down to 100 mV from the regulated output and the regulator is sourcing
its maximal load.
2. Stability Request is design info, not tested.
Table 5.
Electrical characteristics (continued)
(VS = 14.4V; Tamb = 25°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com