전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9663-TR 데이터시트(PDF) 47 Page - STMicroelectronics

부품명 L9663-TR
상세설명  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663-TR 데이터시트(HTML) 47 Page - STMicroelectronics

Back Button L9663-TR Datasheet HTML 43Page - STMicroelectronics L9663-TR Datasheet HTML 44Page - STMicroelectronics L9663-TR Datasheet HTML 45Page - STMicroelectronics L9663-TR Datasheet HTML 46Page - STMicroelectronics L9663-TR Datasheet HTML 47Page - STMicroelectronics L9663-TR Datasheet HTML 48Page - STMicroelectronics L9663-TR Datasheet HTML 49Page - STMicroelectronics L9663-TR Datasheet HTML 50Page - STMicroelectronics L9663-TR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 106 page
background image
DS11401 Rev 6
47/106
L9663
Communication interface
105
5
Communication interface
As interface to the microcontroller, either the SPI interface or the direct interface shall be
used.
The following pins are used for SPI communication:
MOSI
MISO
SCLK
CS
5.1
Device registers
The following registers are available for writing configuration data and reading information
data. Registers can be of 4 different types:
WO: writeable only
RO: readable only
R/W: both readable and writeable
RC : readable and cleared upon reading
Device configuration registers are marked with "PROG". These registers can only be written
before the microcontroller sends an EOP (End Of Programming) command through the
Direct Command Register (DCR).
The registers which have a special safety importance contain a parity bit (PAR) which must
be written by the µC with an odd parity. A periodic check (every 150 us) is done and if a
parity error is found on one of these registers the GBIT is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com