전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9805E 데이터시트(PDF) 76 Page - STMicroelectronics

부품명 L9805E
상세설명  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E 데이터시트(HTML) 76 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 72Page - STMicroelectronics L9805E Datasheet HTML 73Page - STMicroelectronics L9805E Datasheet HTML 74Page - STMicroelectronics L9805E Datasheet HTML 75Page - STMicroelectronics L9805E Datasheet HTML 76Page - STMicroelectronics L9805E Datasheet HTML 77Page - STMicroelectronics L9805E Datasheet HTML 78Page - STMicroelectronics L9805E Datasheet HTML 79Page - STMicroelectronics L9805E Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 125 page
background image
On-chip peripherals
L9805E
76/125
Hardware blocks
The CAN controller contains the following functional blocks (refer to Figure 40):
●
ST7 Interface: buffering of the ST7 internal bus and address decoding of the CAN
registers.
●
TX/RX Buffers: three 10-byte buffers for transmission and reception of maximum length
messages.
●
ID Filters: two 12-bit compare and don’t care masks for message acceptance filtering.
●
PSR: page selection register (see memory map).
●
BRPR: clock divider for different data rates.
●
BTR: bit timing register.
●
ICR: interrupt control register.
●
ISR: interrupt status register.
●
CSR: general purpose control/status register.
●
TECR: transmit error counter register.
●
RECR: receive error counter register.
●
BTL: bit timing logic providing programmable bit sampling and bit clock generation for
synchronization of the controller.
●
BCDL: bit coding logic generating a NRZ-coded datastream with stuff bits.
●
SHREG: 8-bit shift register for serialization of data to be transmitted and parallelisation
of received data.
●
CRC: 15-bit CRC calculator and checker.
●
EML: error detection and management logic.
●
CAN Core: CAN 2.0B passive protocol controller.
Modes of operation
The CAN Core unit assumes one of the seven states described below:
●
STANDBY. Standby mode is entered either on a chip reset or on resetting the RUN bit
in the Control/Status Register (CSR). Any on-going transmission or reception operation
is not interrupted and completes normally before the Bit Time Logic and the clock
prescaler are turned off for minimum power consumption. This state is signalled by the
RUN bit being read-back as 0.
Once in standby, the only event monitored is the reception of a dominant bit which
causes a wake-up interrupt if the SCIE bit of the Interrupt Control Register (ICR) is set.
The STANDBY mode is left by setting the RUN bit. If the WKPS bit is set in the CSR
register, then the controller passes through WAKE-UP otherwise it enters RESYNC
directly.
It is important to note that the wake-up mechanism is software-driven and therefore
carries a significant time overhead. All messages received after the wake-up bit and
before the controller is set to run and has completed synchronization are ignored.
●
WAKE-UP. The CAN bus line is forced to dominant for one bit time signalling the wake-
up condition to all other bus members.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com