전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99VR02JTR 데이터시트(PDF) 31 Page - STMicroelectronics

부품명 L99VR02JTR
상세설명  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02JTR 데이터시트(HTML) 31 Page - STMicroelectronics

Back Button L99VR02JTR Datasheet HTML 27Page - STMicroelectronics L99VR02JTR Datasheet HTML 28Page - STMicroelectronics L99VR02JTR Datasheet HTML 29Page - STMicroelectronics L99VR02JTR Datasheet HTML 30Page - STMicroelectronics L99VR02JTR Datasheet HTML 31Page - STMicroelectronics L99VR02JTR Datasheet HTML 32Page - STMicroelectronics L99VR02JTR Datasheet HTML 33Page - STMicroelectronics L99VR02JTR Datasheet HTML 34Page - STMicroelectronics L99VR02JTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
7.1
PowerSSO-12 package information
Figure 48. PowerSSO-12 package dimensions
L99VR02J
Package information
DS14076 - Rev 1
page 31/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38