전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB3106 데이터시트(PDF) 2 Page - Global Connector Technology

부품명 USB3106
상세설명  Micro USB Receptacle, Type A/B, Vertical, Through-Hole with 2.30mm (Standard) Shell Stakes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GCT [Global Connector Technology]
홈페이지  https://gct.co/
Logo GCT - Global Connector Technology

USB3106 데이터시트(HTML) 2 Page - Global Connector Technology

  USB3106_V01 Datasheet HTML 1Page - Global Connector Technology USB3106_V01 Datasheet HTML 2Page - Global Connector Technology USB3106_V01 Datasheet HTML 3Page - Global Connector Technology USB3106_V01 Datasheet HTML 4Page - Global Connector Technology USB3106_V01 Datasheet HTML 5Page - Global Connector Technology USB3106_V01 Datasheet HTML 6Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCT SPECIFICATION
Part
Number
USB3106
Rev
A
Date
03/12/13
Product
Description
Micro USB Receptacle, Type A/B, Vertical, Through-Hole with
2.30mm (Standard) Shell Stakes
Page
Doc
Number
USB3106-SPEC
Prepared
AO
Checked
RM
Approved
VJ
 
 
 
www.gct.co
1.0 SCOPE
.  
This specification covers performance, tests and quality requirements for the Micro USB
Receptacle USB3106 (Type AB, 5-Pin, Through Hole, Vertical).
 
 
2.0 PRODUCT NAME AND PART NUMBER.
Micro USB Receptacle, Type A/B, Vertical,
Through-Hole with 2.30mm (Standard) Shell Stakes: USB3106.
3.0 PRODUCT SHAPE, DIMENSIONS AND MATERIAL.
Please refer to drawings.
4.0 RATINGS.
4.1 Current rating: Signal (Pins 2, 3, 4)
1.0A
Power (Pins1, 5).....
1.8A
4.2 Voltage rating ………………………
30 V
4.3 Operating Temperature Range ……
-55°C to +85°C 
5.0 TEST AND MEASUREMENT CONDITIONS.
Product is designed to meet electrical, mechanical and environmental performance requirements
specified in Paragraph 6.0. All tests are performed in ambient conditions unless
otherwise specified.
6.0 PERFORMANCE.
Item
Test Condition
Requirement
Examination of Product
Visual, dimensional and functional
inspection as per quality plan.
Product shall meet requirements
of product drawing and
specification.



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com