전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9908 데이터시트(PDF) 83 Page - STMicroelectronics

부품명 L9908
상세설명  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 데이터시트(HTML) 83 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 79Page - STMicroelectronics L9908 Datasheet HTML 80Page - STMicroelectronics L9908 Datasheet HTML 81Page - STMicroelectronics L9908 Datasheet HTML 82Page - STMicroelectronics L9908 Datasheet HTML 83Page - STMicroelectronics L9908 Datasheet HTML 84Page - STMicroelectronics L9908 Datasheet HTML 85Page - STMicroelectronics L9908 Datasheet HTML 86Page - STMicroelectronics L9908 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 152 page
background image
Note:
CSM_SAMPLE_CFG and CSM_SSPV_PH_CFG configurations can be separately configured with no internal
gating.
This way all the following configurations are allowed to take place in principle:
1. Auto-Triggering only (NO Command Edge) + Free Running
2. Auto-Triggering only (NO Command Edge) + T&H
3. Command Edge Triggering + Free Running
4. Command Edge Triggering + T&H
In scenario 2) CMn_READ and CSOn value won’t be updated and the value displayed reflects the last valid
value or the default non valid value as ever been captured.
This possibility in case not specifically needed by application shall be avoided by the application SW itself.
Note:
In the following timing diagrams, N-th A/D Out value corresponds to the SAR conversion value.
Figure 59. T&H sampling timing diagram - non-zero current + auto-triggering
L9908
Functional description
DS13546 - Rev 5
page 83/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More