전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9912LTR 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 L9912LTR
상세설명  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912LTR 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button L9912LTR Datasheet HTML 8Page - STMicroelectronics L9912LTR Datasheet HTML 9Page - STMicroelectronics L9912LTR Datasheet HTML 10Page - STMicroelectronics L9912LTR Datasheet HTML 11Page - STMicroelectronics L9912LTR Datasheet HTML 12Page - STMicroelectronics L9912LTR Datasheet HTML 13Page - STMicroelectronics L9912LTR Datasheet HTML 14Page - STMicroelectronics L9912LTR Datasheet HTML 15Page - STMicroelectronics L9912LTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
Pin description
L9912L
12/84
DocID029641 Rev 2
11
VDDA
Analog power supply (connect to 100nF//1uF for decoupling)
12
VSSA
Analog ground
13
CSA_IN
Current sense ampl. Input
14
SENSE
Battery sensing with dedicated wire
15
A+ /B+
Battery sense / Device power supply
16
IGNIT
Ignition terminal
17
DFM
Field Monitor (PWM signal going to ECU)
18
LIN/BSS
LIN / BSS (coming from ECU)
19
AUX_IN
Auxiliary input
20
PH
Phase sense input
21
PH_OUT
Filtered Phase signal
22
L
Key sensing and Warning Lamp terminal output
23
GND
Regulator ground
N°
PIN
Function
24
GLS
Gate driver of ext Low Side MOS used for Lamp
25
LHC
Key sensing and Warning Lamp terminal output in case of ext MOS
used for lamp driving
26
GHS
Gate driver of ext High Side MOS used for Relay
27
F
Field activity monitor (for High side and low side configuration)
28
SOURCE
External MOS Source
29
DRAIN
External MOS Drain
30
GATE
External MOS Gate
31
RC
C-Terminal / PCM (PWM signal input coming from ECU)
32
CP1-
Charge pump pin for capacitor 1, negative side
33
CP1+
Charge pump pin for capacitor 1, positive side
34
CP2-
Charge pump pin for capacitor 2, negative side
35
CP2+
Charge pump pin for capacitor 2, positive side
36
CP
Charge pump output
37
PROT_SEL
Protocol selection
38
VDD_CAP
5V capacitor(5V regulator output)
39
nRST_SP
Reset (Smart Power)
40
LIN_RX_SP
LIN receiver (smart power output)
41
LIN_TX_SP
LIN transmitter (smart power input)
42
PD1/SWIM/GPIO3
Single Wire Interface Module (for µC programming)
General purpose Input/output (PD1)
Table 2. Pin function (continued)
N°
Pin name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84