전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9911U 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 L9911U
상세설명  Car alternator multifunction smart voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9911U 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button L9911U Datasheet HTML 12Page - STMicroelectronics L9911U Datasheet HTML 13Page - STMicroelectronics L9911U Datasheet HTML 14Page - STMicroelectronics L9911U Datasheet HTML 15Page - STMicroelectronics L9911U Datasheet HTML 16Page - STMicroelectronics L9911U Datasheet HTML 17Page - STMicroelectronics L9911U Datasheet HTML 18Page - STMicroelectronics L9911U Datasheet HTML 19Page - STMicroelectronics L9911U Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Package information
L9911
18/20
DocID10990 Rev 13
Table 11. Multiwatt 8 (pin 5GND) package mechanical drawing
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
5
-
-
0.1969
B
-
-
2.65
-
-
0.1043
C
-
-
1.6
-
-
0.0630
E
0.49
-
0.55
0.0193
-
0.0217
F
0.78
-
0.85
0.0307
-
0.0335
G
2.40
2.54
2.68
0.0945
0.1000
0.1055
G1
17.64
17.78
17.92
0.6945
0.7000
0.7055
H1
19.6
-
-
0.7717
-
-
H2
-
-
20.2
-
-
0.7953
L
20.35
20.65
0.8012
0.8130
L2
17.05
17.20
17.35
0.6713
0.6772
0.6831
L3
17.25
17.5
17.75
0.6791
0.6890
0.6988
L4
10.3
10.7
10.9
0.4055
0.4213
0.4291
L7
2.65
-
2.9
0.1043
-
0.1142
S
1.9
-
2.6
0.0748
-
0.1024
S1
1.9
-
2.6
0.0748
-
0.1024
U
0.40
-
0.55
0.0157
-
0.0217
Z
0.70
-
0.85
0.0276
-
0.0335
diam1
3.65
-
3.85
0.1437
-
0.1516



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20