전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9965P-FP 데이터시트(PDF) 67 Page - STMicroelectronics

부품명 L9965P-FP
상세설명  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P-FP 데이터시트(HTML) 67 Page - STMicroelectronics

Back Button L9965P-FP Datasheet HTML 63Page - STMicroelectronics L9965P-FP Datasheet HTML 64Page - STMicroelectronics L9965P-FP Datasheet HTML 65Page - STMicroelectronics L9965P-FP Datasheet HTML 66Page - STMicroelectronics L9965P-FP Datasheet HTML 67Page - STMicroelectronics L9965P-FP Datasheet HTML 68Page - STMicroelectronics L9965P-FP Datasheet HTML 69Page - STMicroelectronics L9965P-FP Datasheet HTML 70Page - STMicroelectronics L9965P-FP Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 104 page
background image
3.14.2.1
SPI read/write registers
Note:
•
nPOR_MAIN is asserted when the IC moves from ACTIVE to DEEP-SLEEP.
•
nPOR_SLEEP is used to retain data in DEEP-SLEEP state, and it is asserted when the battery is
removed.
Table 44. BMS_ID - 0x00
Field name
Type
Bit offset
Bit width
Reset value
Reset sources
Description
UNUSED
RO
8
2
0x0
nPOR_MAIN
BMS_ID
RO
0
8
0x0
nPOR_MAIN
0x060
Table 45. CHIP_ID - 0x01
Field name
Type
Bit offset
Bit width
Reset value
Reset sources
Description
UNUSED
RO
8
2
0x0
nPOR_MAIN
SILICON_ID
RO
5
3
X
X
0x1 = A version
METAL_ID
RO
0
5
X
X
0x1 = A version
0x2 = B version
Table 46. FAULT_DIAG_CONFIG - 0x02
Field name
Type Bit offset Bit width
Reset
value
Reset sources
Description
UNUSED
RW
4
6
0x0
nPOR_MAIN
FENL_INT_CHECK_EN
RW
3
1
0x0
nPOR_SLEEP
0 = Integrity check masked
1 = Integrity check enabled
FENH_INT_CHECK_EN
RW
2
1
0x0
nPOR_SLEEP
0 = Integrity check masked
1 = Integrity check enabled
FAULTN_FORCE
RW
1
1
0x0
nPOR_MAIN
0 = FAULTN forced high
1 = FAULTN forced low
FAULTN_CYCLIC_PULSE RW
0
1
0x0
nPOR_MAIN
0 = FAULTN pulses generation
disabled
1 = FAULTN pulses generation
enabled
Table 47. FENH_L_CONFIG - 0x03
Field name
Type
Bit offset
Bit width
Reset value
Reset sources
Description
UNUSED
RW
2
8
0x0
nPOR_MAIN
FENL_MODE
RW
1
1
0x0
nPOR_MAIN
0 = Level based decoding
1 = PWM based decoding
FENH_MODE
RW
0
1
0x0
nPOR_MAIN
0 = Level based decoding
1 = PWM based decoding
L9965P
Functional description
DS14702 - Rev 4
page 67/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More