| 전자부품 데이터시트 검색엔진 |
|
SPSB100BTR 데이터시트(PDF) 92 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB100BTR 데이터시트(HTML) 92 Page - STMicroelectronics |
|
92 / 213 page ![]() Symbol Parameter Condition Min Typ Max Unit TEFW4 Early failure window 4 WD_TIME = 0011 - - 31.5 ms TLFW4 Late failure window 4 WD_TIME = 0011 90 - - ms TSW4 Safe window 4 WD_TIME = 0011 50.4 - 56.8 ms TEFW5 Early failure window 5 WD_TIME = 0100 - - 96.2 ms TLFW5 Late failure window 5 WD_TIME = 0100 250 - - ms TSW5 Safe window 5 WD_TIME = 0100 151.1 - 159.3 ms TEFW6 Early failure window 6 WD_TIME = 0101 - - 197.1 ms TLFW6 Late failure window 6 WD_TIME = 0101 500 - - ms TSW6 Safe window 6 WD_TIME = 0101 308.4 - 319.3 ms TEFW7 Early failure window 7 WD_TIME = 0110 - - 299.6 ms TLFW7 Late failure window 7 WD_TIME = 0110 750 - - ms TSW7 Safe window 7 WD_TIME = 0110 468.1 - 479.4 ms TEFW8 Early failure window 8 WD_TIME = 0111 - - 402.1 ms TLFW8 Late failure window 8 WD_TIME = 0111 1000 - - ms TSW8 Safe window 8 WD_TIME = 0111 627.8 - 638.7 ms TEFW9 Early failure window 9 WD_TIME = 1000 - - 630.8 ms TLFW9 Late failure window 9 WD_TIME = 1000 1600 - - ms TSW9 Safe window 9 WD_TIME = 1000 984 - 1025.1 ms TEFW10 Early failure window 10 WD_TIME = 1001-1111 - - 3.2 ms TLFW10 Late failure window 10 WD_TIME = 1001-1111 78 - - ms TSW10 Safe window 10 WD_TIME = 1001-1111 5 - 50 ms SPSB100 Electrical characteristics DS14640 - Rev 2 page 92/213 |