전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPSB100PTR 데이터시트(PDF) 111 Page - STMicroelectronics

부품명 SPSB100PTR
상세설명  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR 데이터시트(HTML) 111 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 107Page - STMicroelectronics SPSB100PTR Datasheet HTML 108Page - STMicroelectronics SPSB100PTR Datasheet HTML 109Page - STMicroelectronics SPSB100PTR Datasheet HTML 110Page - STMicroelectronics SPSB100PTR Datasheet HTML 111Page - STMicroelectronics SPSB100PTR Datasheet HTML 112Page - STMicroelectronics SPSB100PTR Datasheet HTML 113Page - STMicroelectronics SPSB100PTR Datasheet HTML 114Page - STMicroelectronics SPSB100PTR Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 213 page
background image
Bit Name
Description
•
BUCK3_UV (SR1 - 0x21)
•
BUCK1_OV (SR1 - 0x21)
•
BUCK2_OV (SR1 - 0x21)
•
BUCK3_OV (SR1 - 0x21)
•
BUCK1_OC (SR1 - 0x21)
•
BUCK2_OC (SR1 - 0x21)
•
BUCK3_OC (SR1 - 0x21)
•
LDO2_UV (SR1 - 0x21)
•
LDO2_OV (SR1 - 0x21)
•
BUCKX_PG_TIMEOUT from SPI request (SR1 - 0x21)
•
LDO2_PG_TIMEOUT from SPI request (SR1 - 0x21)
0: No error (default)
1: Error detected
FE1 is cleared by a read and clear command to all related bits in status registers 3, 5 and 6
26
DE
Device error bit
DE is a logical OR combination of global errors related to the device.
•
FBB_OV (SR2 - 0x22)
•
FBB_UV (SR2 - 0x22)
•
VIO_UV (SR2 - 0x22)
•
TSD_CLx (SR2 - 0x22)
•
WD_ENA_ECHO_ERROR (SR2 - 0x22)
•
FCCU_ENA_ECHO_ERROR (SR2 - 0x22)
•
NFSO1_ECHO_ERROR (SR2 - 0x22)
•
IRQ_ECHO_ERROR (SR2 - 0x22)
•
NRST_ECHO_ERROR (SR2 - 0x22)
0: No error (default)
1: Error detected
DE is cleared by a read and clear command to all related bits in status registers 2, 4 and 7
25
GW
Global warning bit
GW is a logical OR combination of warning flags. Warning bits do not lead to any device state change or switch
off of functions.
•
FBB_UV_EW (SR4 - 0x24)
•
FBB_OV_EW (SR4 - 0x24)
•
VS_UV_EW (SR4 - 0x24)
•
TW_CLx (SR4 - 0x24)
0: No error (default)
1: Error detected
GW is cleared by a read and clear command to all related bits in status register 2 and 4
24
FS
Fail-safe
The FS bit indicates that the device was forced into DEEP-SLEEP, RECOVERY-1 or -2 state due to the following
fault conditions:
•
FCCUFAIL (SR3 - 0x23)
•
WDFAIL (SR3 - 0x23)
•
FORCED_SLEEP_TSD (SR3 - 0x23)
•
FORCED_SLEEP_POWUP (SR5 - 0x25)
•
GNDLOSS (SR3 - 0x23)
•
INT_REG_UV (SR3 - 0x23)
•
INT_REG_OV (SR3 - 0x23)
•
CURRENT_MISMATCH (SR3 - 0x23)
•
OSC_ERROR (SR3 - 0x23)
•
ABIST_ERROR (SR3 - 0x23)
•
LBIST_ERROR (SR3 - 0x23)
•
NVM_COMP_ERROR (SR3 - 0x23)
•
NVM_CRC_ERROR (SR3 - 0x23)
•
SPI_REG_COMP_ERROR (SR3 - 0x23)
SPSB100
SPI registers
DS14640 - Rev 2
page 111/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More