전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPSB100PTR 데이터시트(PDF) 142 Page - STMicroelectronics

부품명 SPSB100PTR
상세설명  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR 데이터시트(HTML) 142 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 138Page - STMicroelectronics SPSB100PTR Datasheet HTML 139Page - STMicroelectronics SPSB100PTR Datasheet HTML 140Page - STMicroelectronics SPSB100PTR Datasheet HTML 141Page - STMicroelectronics SPSB100PTR Datasheet HTML 142Page - STMicroelectronics SPSB100PTR Datasheet HTML 143Page - STMicroelectronics SPSB100PTR Datasheet HTML 144Page - STMicroelectronics SPSB100PTR Datasheet HTML 145Page - STMicroelectronics SPSB100PTR Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 213 page
background image
Table 129. DCR13 (0x0D) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
U_NVM_D_3
U_NVM_D_2
U_NVM_D_1
U_NVM_D_0
CRC3
CRC2
CRC1
CRC0
User NVM D
register bit 3
User NVM D
register bit 2
User NVM D
register bit 1
User NVM D
register bit 0
Cyclic
redundancy
checking bit
3
Cyclic
redundancy
checking bit
2
Cyclic
redundancy
checking bit
1
Cyclic
redundancy
checking bit
0
Table 130. DCR13 (0x0D) LSB description
Bit
Name
Description
7
U_NVM_D_3
6
U_NVM_D_2
5
U_NVM_D_1
4
U_NVM_D_0
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
Table 131. DCR14 (0x0E) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
- (R0)
- (R0)
- (R0)
- (R)
- (R)
- (R)
- (R)
RES
RES
RES
RES
PU_LOOP_FOR_EVER
LDO2_REGFAIL_GO_REC
LDO2_TRK_1
LDO2_TRK_0
Reserved Reserved Reserved Reserved
Pull-up infinite loop bit
LDO2 regulator fail go
receiver bit
LDO2 tracker bit
1
LDO2 tracker bit
0
Table 132. DCR14 (0x0E) MSB description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
RES
Reserved
20
RES
Reserved
19
PU_LOOP_FOR_EVER
User NVM regs
Can be emulated when FSM in U_PROG_1 state
18 LDO2_REGFAIL_GO_REC
1: A fail on LDO2 regulator initiates a power-down sequence and moves the state machine
to REC-2 state
0: A fail on LDO2 regulator sends an IRQ (UV, OV, PG_nok, TW are maskable by SPI, but
not TSD), and turns the regulator OFF if the fail is unmasked (UV, PG_nok are maskable by
SPI, but not OV and TSD. TW never turns the regulator OFF)
17
LDO2_TRK_1
16
LDO2_TRK_0
SPSB100
SPI registers
DS14640 - Rev 2
page 142/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More