전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DST-SW-E 데이터시트(PDF) 87 Page - Greenlee Communications

부품명 DST-SW-E
상세설명  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GREENLEE [Greenlee Communications]
홈페이지  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-E 데이터시트(HTML) 87 Page - Greenlee Communications

Back Button DST-SW-E Datasheet HTML 83Page - Greenlee Communications DST-SW-E Datasheet HTML 84Page - Greenlee Communications DST-SW-E Datasheet HTML 85Page - Greenlee Communications DST-SW-E Datasheet HTML 86Page - Greenlee Communications DST-SW-E Datasheet HTML 87Page - Greenlee Communications DST-SW-E Datasheet HTML 88Page - Greenlee Communications DST-SW-E Datasheet HTML 89Page - Greenlee Communications DST-SW-E Datasheet HTML 90Page - Greenlee Communications DST-SW-E Datasheet HTML 91Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 108 page
background image
363
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
CAT. NO.
DESCRIPTION
PA901024
SealTite® Crimper
SealTite® 59/6 CATV “F” Compression Crimper
• Performs compression crimping of waterproof CATV “F” connectors for
RG59 and RG6/RG6 Quad 75 ohm coaxial cables
• Works on Augat/T&B Snap-N-Seal™ connectors, AIM CATV “F” waterproof
connectors and Paladin SealTite™ connectors
• Fully ratcheting one-cycle crimp function
RG59/6Q-7/11 Pro Coax Compression Tool
CAT. NO.
DESCRIPTION
PA70020
RG59/6Q-7/11 Pro Coax Compression Tool
• Versatile tool crimps RG59, RG6, RG6 Quad , RG 7/11, BNC and RCA
Compression Connectors
• Cable holder rotates to accommodate different connector sizes
• Adjustable Crimp length accommodates most manufacturers' connectors
• Once adjusted, no additional parts or adapters are needed to change from
one crimp style to another
PA70020
PA901024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More