| 전자부품 데이터시트 검색엔진 |
|
STM32L151RDT7 데이터시트(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151RDT7 데이터시트(HTML) 43 Page - STMicroelectronics |
|
43 / 154 page ![]() DocID022027 Rev 11 43/154 STM32L151xD STM32L152xD Pin descriptions 57 - J5 - - - PA7 I/O FT PA7 TIM3_CH2/TIM11_CH1/ SPI1_MOSI/ LCD_SEG4 ADC_IN7/ COMP1_INP -M4 - - - OPAMP2_VI NM ITC OPAMP2_V INM -- 44 K5 33 24 H6 PC4 I/O FT PC4 LCD_SEG22 ADC_IN14/ COMP1_INP 45 L5 34 25 H5 PC5 I/O FT PC5 LCD_SEG23 ADC_IN15/ COMP1_INP 46 M5 35 26 H4 PB0 I/O TC PB0 TIM3_CH3/LCD_SEG5 ADC_IN8/ COMP1_INP/ OPAMP2_VOUT/ VREF_OUT 47 M6 36 27 F4 PB1 I/O FT PB1 TIM3_CH4/LCD_SEG6 ADC_IN9/ COMP1_INP/ VREF_OUT 48 L6 37 28 H3 PB2 I/O FT PB2/ BOOT1 BOOT1 ADC_IN0b 49 K6 - - - PF11 I/O FT PF11 - ADC_IN1b 50 J7 - - - PF12 I/O FT PF12 FSMC_A6 ADC_IN2b 51 E3 - - - VSS_6 S- VSS_6 -- 52 H3 - - - VDD_6 S- VDD_6 -- 53 K7 - - - PF13 I/O FT PF13 FSMC_A7 ADC_IN3b 54 J8 - - - PF14 I/O FT PF14 FSMC_A8 ADC_IN6b 55 J9 - - - PF15 I/O FT PF15 FSMC_A9 ADC_IN7b 56 H9 - - - PG0 I/O FT PG0 FSMC_A10 ADC_IN8b 57 G9 - - - PG1 I/O FT PG1 FSMC_A11 ADC_IN9b 58 M7 38 - - PE7 I/O TC PE7 FSMC_D4 ADC_IN22/ COMP1_INP 59 L7 39 - - PE8 I/O TC PE8 FSMC_D5 ADC_IN23/ COMP1_INP 60 M8 40 - - PE9 I/O TC PE9 TIM2_CH1_ETR /FSMC_D6 ADC_IN24/ COMP1_INP Table 8. STM32L151xD and STM32L152xD pin definitions (continued) Pins Pin name Main function(2) (after reset) Pin functions Alternate functions Additional functions |