| 전자부품 데이터시트 검색엔진 |
|
ISO7821 데이터시트(PDF) 35 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7821 데이터시트(HTML) 35 Page - Texas Instruments |
|
35 / 40 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) ISO7821DW Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7821 ISO7821DW.A Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7821 ISO7821DW.B Active Production SOIC (DW) | 16 40 | TUBE - Call TI Call TI -55 to 125 ISO7821DWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7821 ISO7821DWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7821 ISO7821DWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7821DWW Active Production SOIC (DWW) | 16 45 | TUBE Yes NIPDAU Level-3-260C-168 HR -55 to 125 ISO7821 ISO7821DWW.A Active Production SOIC (DWW) | 16 45 | TUBE Yes NIPDAU Level-3-260C-168 HR -55 to 125 ISO7821 ISO7821DWW.B Active Production SOIC (DWW) | 16 45 | TUBE - Call TI Call TI -55 to 125 ISO7821DWWR Active Production SOIC (DWW) | 16 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -55 to 125 ISO7821 ISO7821DWWR.A Active Production SOIC (DWW) | 16 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -55 to 125 ISO7821 ISO7821DWWR.B Active Production SOIC (DWW) | 16 1000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7821FDW Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7821F ISO7821FDW.A Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7821F ISO7821FDW.B Active Production SOIC (DW) | 16 40 | TUBE - Call TI Call TI -55 to 125 ISO7821FDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7821F ISO7821FDWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7821F ISO7821FDWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7821FDWRG4 Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7821F ISO7821FDWRG4.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 ISO7821F ISO7821FDWRG4.B Active Production SOIC (DW) | 16 2000 | LARGE T&R - Call TI Call TI -55 to 125 ISO7821FDWW Active Production SOIC (DWW) | 16 45 | TUBE Yes NIPDAU Level-3-260C-168 HR -55 to 125 ISO7821F ISO7821FDWW.A Active Production SOIC (DWW) | 16 45 | TUBE Yes NIPDAU Level-3-260C-168 HR -55 to 125 ISO7821F ISO7821FDWW.B Active Production SOIC (DWW) | 16 45 | TUBE - Call TI Call TI -55 to 125 ISO7821FDWWR Active Production SOIC (DWW) | 16 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -55 to 125 ISO7821F ISO7821FDWWR.A Active Production SOIC (DWW) | 16 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -55 to 125 ISO7821F ISO7821FDWWR.B Active Production SOIC (DWW) | 16 1000 | LARGE T&R - Call TI Call TI -55 to 125 (1) Status: For more details on status, see our product life cycle. Addendum-Page 1 |