전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L151VDT6 데이터시트(PDF) 44 Page - STMicroelectronics

부품명 STM32L151VDT6
상세설명  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VDT6 데이터시트(HTML) 44 Page - STMicroelectronics

Back Button STM32L151VDT6 Datasheet HTML 40Page - STMicroelectronics STM32L151VDT6 Datasheet HTML 41Page - STMicroelectronics STM32L151VDT6 Datasheet HTML 42Page - STMicroelectronics STM32L151VDT6 Datasheet HTML 43Page - STMicroelectronics STM32L151VDT6 Datasheet HTML 44Page - STMicroelectronics STM32L151VDT6 Datasheet HTML 45Page - STMicroelectronics STM32L151VDT6 Datasheet HTML 46Page - STMicroelectronics STM32L151VDT6 Datasheet HTML 47Page - STMicroelectronics STM32L151VDT6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 154 page
background image
Pin descriptions
STM32L151xD STM32L152xD
44/154
DocID022027 Rev 11
61
-
-
-
-
VSS_7
S-
VSS_7
--
62
-
-
-
-
VDD_7
S-
VDD_7
--
63
L8
41
-
-
PE10
I/O
TC
PE10
TIM2_CH2/FSMC_D7
ADC_IN25/
COMP1_INP
64
M9
42
-
-
PE11
I/O
FT
PE11
TIM2_CH3/FSMC_D8
-
65
L9
43
-
-
PE12
I/O
FT
PE12
TIM2_CH4/SPI1_NSS
/FSMC_D9
-
66 M10 44
-
-
PE13
I/O
FT
PE13
SPI1_SCK/FSMC_D10
-
67 M11 45
-
-
PE14
I/O
FT
PE14
SPI1_MISO/FSMC_D11
-
68 M12 46
-
-
PE15
I/O
FT
PE15
SPI1_MOSI/FSMC_D12
-
69
L10 47 29 G3
PB10
I/O
FT
PB10
TIM2_CH3/I2C2_SCL/
USART3_TX/
LCD_SEG10
-
70
L11
48 30 F3
PB11
I/O
FT
PB11
TIM2_CH4/ I2C2_SDA/
USART3_RX/ LCD_SEG11
-
71
F124931 H2
VSS_1
S-
VSS_1
--
72 G12 50 32 H1
VDD_1
S-
VDD_1
--
73
L12 51 33 G2
PB12
I/O
FT
PB12
TIM10_CH1/I2C2_SMBA/
SPI2_NSS/ I2S2_WS/
USART3_CK/ LCD_SEG12
ADC_IN18/
COMP1_INP
74
K12 52 34 G1
PB13
I/O
FT
PB13
TIM9_CH1/SPI2_SCK/
I2S2_CK/
USART3_CTS/
LCD_SEG13
ADC_IN19/
COMP1_INP
75
K11 53 35 F2
PB14
I/O
FT
PB14
TIM9_CH2/SPI2_MISO/
USART3_RTS/
LCD_SEG14
ADC_IN20/
COMP1_INP
76
K10 54 36 F1
PB15
I/O
FT
PB15
TIM11_CH1/SPI2_MOSI/
I2S2_SD/
LCD_SEG15
ADC_IN21/
COMP1_INP/
RTC_REFIN
77
K9
55
-
-
PD8
I/O
FT
PD8
USART3_TX/LCD_SEG28/
FSMC_D13
-
78
K8
56
-
-
PD9
I/O
FT
PD9
USART3_RX/LCD_SEG29/
FSMC_D14
-
Table 8. STM32L151xD and STM32L152xD pin definitions (continued)
Pins
Pin name
Main
function(2)
(after reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More