| 전자부품 데이터시트 검색엔진 |
|
STM32L151VDT7D 데이터시트(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VDT7D 데이터시트(HTML) 46 Page - STMicroelectronics |
|
46 / 154 page ![]() Pin descriptions STM32L151xD STM32L152xD 46/154 DocID022027 Rev 11 100 D11 67 41 E4 PA8 I/O FT PA8 USART1_CK/MCO/ LCD_COM0 - 101 D10 68 42 D2 PA9 I/O FT PA9 USART1_TX / LCD_COM1 - 102 C12 69 43 D3 PA10 I/O FT PA10 USART1_RX / LCD_COM2 - 103 B12 70 44 C1 PA11 I/O FT PA11 USART1_CTS/ SPI1_MISO USB_DM 104 A12 71 45 C2 PA12 I/O FT PA12 USART1_RTS/ SPI1_MOSI USB_DP 105 A11 72 46 D4 PA13 I/O FT JTMS- SWDIO JTMS-SWDIO - 106 C11 73 - - PH2 I/O FT PH2 FSMC_A22 - 107 F11 74 47 B1 VSS_2 S- VSS_2 -- 108 G11 75 48 A1 VDD_2 S- VDD_2 -- 109 A10 76 49 B2 PA14 I/O FT JTCK- SWCLK JTCK-SWCLK - 110 A9 77 50 C3 PA15 I/O FT JTDI TIM2_CH1_ETR/ SPI1_NSS/SPI3_NSS/ I2S3_WS/LCD_SEG17/ JTDI - 111 B11 78 51 A2 PC10 I/O FT PC10 SPI3_SCK/I2S3_CK/ USART3_TX/UART4_TX/ LCD_SEG28/LCD_SEG40/ LCD_COM4/ SDIO_D2 - 112 C10 79 52 B3 PC11 I/O FT PC11 SPI3_MISO/USART3_RX/ UART4_RX/ LCD_SEG29/LCD_SEG41/ LCD_COM5/ SDIO_D3 - 113 B10 80 53 C4 PC12 I/O FT PC12 SPI3_MOSI/I2S3_SD/ USART3_CK/ UART5_TX/LCD_SEG30/ LCD_SEG42/ LCD_COM6/SDIO_CK - 114 C9 81 - - PD0 I/O FT PD0 TIM9_CH1/SPI2_NSS/ I2S2_WS/ FSMC_D2 - Table 8. STM32L151xD and STM32L152xD pin definitions (continued) Pins Pin name Main function(2) (after reset) Pin functions Alternate functions Additional functions |