전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1SFA619200R1016 데이터시트(PDF) 9 Page - ABB

부품명 1SFA619200R1016
상세설명  Pilot devices The core offering
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

1SFA619200R1016 데이터시트(HTML) 9 Page - ABB

Back Button 1SFA619200R1016 Datasheet HTML 5Page - ABB 1SFA619200R1016 Datasheet HTML 6Page - ABB 1SFA619200R1016 Datasheet HTML 7Page - ABB 1SFA619200R1016 Datasheet HTML 8Page - ABB 1SFA619200R1016 Datasheet HTML 9Page - ABB 1SFA619200R1016 Datasheet HTML 10Page - ABB 1SFA619200R1016 Datasheet HTML 11Page - ABB 1SFA619200R1016 Datasheet HTML 12Page - ABB 1SFA619200R1016 Datasheet HTML 13Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Pilot devices core offering catalog | 1SFC151006C0201 | 9
MPM1-10B
How to order:
See page "Assemblies" on page 14.
Color
Type
Order code
Pkg
qty
Momentary, Ø 40 mm
l
Red
MPM1-10R
1SFA611124R1001
10
l
Black
MPM1-10B
1SFA611124R1006
10
Modular range
Non-illuminated mushroom pushbuttons
For more pilot devices products
please see the complete catalog
1SFC151005C0201.
KPR3-104B
Reset pushbuttons
Color
Text
Type
Order code
Pkg
qty
Flush reset pushbutton with shaft (flexible joint not included)
l
Black
No text
KPR3-100B
1SFA616162R1006
10
l
Black
RESET
KPR3-104B
1SFA616162R1046
10
l
Blue
R
KPR3-101L
1SFA616162R1014
10
l
White
R
KPR3-101W
1SFA616162R1015
10
185
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com