| 전자부품 데이터시트 검색엔진 |
|
NETWORK-AUTOMATION 데이터시트(PDF) 1 Page - Juniper Networks, Inc. |
|
|
|||||||||||||||||||||||||||||
NETWORK-AUTOMATION 데이터시트(HTML) 1 Page - Juniper Networks, Inc. |
|
1 / 5 page ![]() ENABLING NETWORK AUTOMATION WITH JUNOS OS DATASHEET Product Description The market environment is transforming. Increasing dependence on cloud-native applications, the continued growth of geographically distributed data center and branch offices, and the emergence of Internet of Things (IoT) and 5G technologies have all placed significant demands on the networking environment, driving the need to simplify configuration, integration, and management. Service providers and enterprises require an operating system that automates network processes, streamlines service deployment, and analyzes real-time network data consistently across a diverse and growing number of network devices and geographical locations. Juniper Networks® Junos® operating system is the single network OS that powers Juniper’s broad portfolio of physical and virtual switching, routing, and security products. Built with open programmability and an intent-based automation framework as the core principles, Junos OS is the first modular network operating system that provides clear separation between control, management, and data planes. It is also the first network OS with open interfaces, versatile scripting support, and open-source frameworks, enabling service providers, enterprises, and developers to implement a DevOps approach that automates complex network operations to improve service agility. Featuring a modular design, Junos OS includes Junos Node Slicing, a market-leading innovation for virtualization and optimization. By decoupling network software from the underlying network infrastructure while allowing control, management, and administration isolation, Junos Node Slicing enables the convergence of multiple concurrent network functions on a single chassis, maximizing network utilization while creating segmented services for customer satisfaction. Architecture and Key Components Junos OS consists of the following key automation components: • Automation Frameworks: Junos OS supports a wide range of open-source automation frameworks, including Puppet, Chef, Ansible, and Salt. This allows the seamless integration of Junos OS-powered network devices with network systems management infrastructure. Junos OS also supports PyEZ, a micro framework for Python developed by Juniper, which enables remote automated device management. • Programmability: The Juniper Extension Toolkit (JET) API is a simple framework providing seamless programmability access to control, management, and data plane services via a rich set of APIs. Decoupled from Junos OS releases, the JET API is consistent across the entire Juniper portfolio regardless of Junos OS devices or an external server attached to a Junos OS device. • Telemetry: Junos OS incorporates Junos Telemetry Interface (JTI), a highly scalable distributed network analytic engine designed to gather, aggregate, and stream accurate, real-time network data and event states. JTI delivers the required enhanced visibility into the network to identify, isolate, and resolve potential issues based on real-time network statistics and events with minimal human interaction. Data Sheet 1 Product Overview The Junos operating system is a secure, open, and programmable network OS that enables network automation at scale. As the core component of Juniper’s routing, switching, and security portfolio, this cutting-edge network OS eliminates lengthy repetitive manual tasks associated with service deployment, improving overall operational efficiency and service agility. Junos OS also serves as an open programmatic platform, empowering service providers, enterprises, and developers to accelerate business innovation. |
유사한 부품 번호 - NETWORK-AUTOMATION |
|
유사한 설명 - NETWORK-AUTOMATION |