전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VNH2SP30TR-E 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 VNH2SP30TR-E
상세설명  Automotive fully integrated H-bridge motor driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30TR-E 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button VNH2SP30TR-E Datasheet HTML 14Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 15Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 16Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 17Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 18Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 19Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 20Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 21Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Electrical specifications
VNH2SP30-E
18/35
DocID10832 Rev 10
Figure 14. Input hysteresis voltage
Figure 15. High level enable pin current
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Vihyst (V)
Vcc=13V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
1
2
3
4
5
6
7
8
Ienh (µA)
Ven=3.25V
Figure 16. Delay time during change of
operation mode
Figure 17. Enable clamp voltage
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
100
200
300
400
500
600
700
800
900
1000
tdel (µs)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
Vencl (V)
Ien=-1mA
Figure 18. High level enable voltage
Figure 19. Low level enable voltage
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Venh (V)
Vcc=9V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
Venl (V)
Vcc=9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com