| 전자부품 데이터시트 검색엔진 |
|
VNH7070ASTR 데이터시트(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VNH7070ASTR 데이터시트(HTML) 18 Page - STMicroelectronics |
|
18 / 38 page ![]() Electrical specifications VNH7070AS 18/38 DocID028088 Rev 5 Note: Other logic combinations on digital input pins not reported on the above table don’t allow to detect a latched off channel. Table 11. Operative condition - truth table Pin status HSDs and LDSs status INA INB SEL0 PWM CS HSDA LSDA HSDB LSDB 11 1 x Current Monitoring HSDA On Off On Off 0 Current Monitoring HSDB 10 1 1 Current Monitoring HSDA On Off Off On 0 On Off Off Off 10 0 1 Hi-Z On Off Off On 0 On Off Off Off 01 1 1 Hi-Z Off On On Off 0 Off Off On Off 01 0 1 Current Monitoring HSDB Off On On Off 0 Off Off On Off 00 1 1 Hi-Z Off On Off On 0 00 1 0x(1) 1. Refer to Table 13: Off-state -truth table Off Off Off Off 0(2) 2. For INA =INB =SEL0 = PWM = 0, the device enters in standby after TD_sdby Off Off Off Off Table 12. On-state fault conditions- truth table Digital Input pins CS Comment INA INB PWM SEL0 0 0 1 0 VsenseH LSB protection triggered; LSB latched off 0 0 1 1 VsenseH LSA protection triggered; LSA latched off 0 1 X 0 VsenseH HSB protection triggered; HSB latched off 0 1 1 1 VsenseH LSA protection triggered; LSA latched off 1 0 1 0 VsenseH LSB protection triggered; HSB latched off 1 0 X 1 VsenseH HSA protection triggered; HSA latched off 1 1 X 0 Hi-Z HSB protection triggered; HSB latched off 1 1 X 1 Hi-Z HSA protection triggered; HSA latched off |