전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7384A 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 TDA7384A
상세설명  4 x 46 W quad bridge car radio amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7384A 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button TDA7384A Datasheet HTML 6Page - STMicroelectronics TDA7384A Datasheet HTML 7Page - STMicroelectronics TDA7384A Datasheet HTML 8Page - STMicroelectronics TDA7384A Datasheet HTML 9Page - STMicroelectronics TDA7384A Datasheet HTML 10Page - STMicroelectronics TDA7384A Datasheet HTML 11Page - STMicroelectronics TDA7384A Datasheet HTML 12Page - STMicroelectronics TDA7384A Datasheet HTML 13Page - STMicroelectronics TDA7384A Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package information
TDA7384A
12/14
Doc ID 4060 Rev 6
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 14.
Flexiwatt25 mechanical data and package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14