전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7479 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 TDA7479
상세설명  Single chip RDS demodulator filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7479 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button TDA7479_V01 Datasheet HTML 3Page - STMicroelectronics TDA7479_V01 Datasheet HTML 4Page - STMicroelectronics TDA7479_V01 Datasheet HTML 5Page - STMicroelectronics TDA7479_V01 Datasheet HTML 6Page - STMicroelectronics TDA7479_V01 Datasheet HTML 7Page - STMicroelectronics TDA7479_V01 Datasheet HTML 8Page - STMicroelectronics TDA7479_V01 Datasheet HTML 9Page - STMicroelectronics TDA7479_V01 Datasheet HTML 10Page - STMicroelectronics TDA7479_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TDA7479
Output timing
7/12
3
Output timing
The RDS (1187.5Hz) output clock on RDCL line is synchronized to the incoming data. According
to the internal PLL lock condition data change can result on the falling or on the rising clock edge
(see Figure 3). Whichever clock edge is used by the decoder (rising or falling edge) the data will
remain valid for 416.7 µs after the clock transition.
Figure 3.
RDS timing diagram
RDCL
RDDA
CLOCK
LINE
DATA
LINE
4.3µs
td
4.3µs
837.7µs
421µs
421µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12