전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7563B 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 TDA7563B
상세설명  4 x 50 W multifunction quad power amplifier with built-in diagnostics feature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563B 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button TDA7563B_V01 Datasheet HTML 25Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 26Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 27Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 28Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 29Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 30Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 31Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 32Page - STMicroelectronics TDA7563B_V01 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
TDA7563B
Package information
Doc ID 12733 Rev 6
29/33
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 32. Flexiwatt27 (horizontal) mechanical data and package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33