전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DTV1500 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 DTV1500
상세설명  CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV1500 데이터시트(HTML) 1 Page - STMicroelectronics

  DTV1500 Datasheet HTML 1Page - STMicroelectronics DTV1500 Datasheet HTML 2Page - STMicroelectronics DTV1500 Datasheet HTML 3Page - STMicroelectronics DTV1500 Datasheet HTML 4Page - STMicroelectronics DTV1500 Datasheet HTML 5Page - STMicroelectronics DTV1500 Datasheet HTML 6Page - STMicroelectronics DTV1500 Datasheet HTML 7Page - STMicroelectronics DTV1500 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
January 2002 - Ed: 4C
s
High breakdown voltage capability
s
High frequency operation
s
Specified turn on switching characteristics
s
Very fast recovery diode
s
Low static and peak forward voltage drop for low
dissipation
s
Insulated package (ISOWATT220AC & TO-220FPAC):
Insulating voltage = 2000V DC
Capacitance = 12pF
s
Planar technology allowing high quality and best
electrical characteristics
FEATURES AND BENEFITS
High voltage diode especially designed for
horizontal deflection stage in standard and high
resolution displays for TV’s and monitors.
This
device
is
packaged
in
TO-220AC,
ISOWATT220AC and TO-220FPAC (insulated
package).
DESCRIPTION
IF(AV)
6A
VRRM
1500 V
VF (max)
1.7 V
trr (max)
125 ns
MAIN PRODUCTS CHARACTERISTICS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1500
V
IF(RMS)
RMS forward current
15
A
IFSM
Surge non repetitive forward current
tp = 10ms
sinusoidal
80
A
Tstg
Storage temperature
- 65 to 150
°C
Tj
Maximum operating junction temperature
150
°C
ABSOLUTE MAXIMUM RATINGS
DTV1500Hxx
®
(CRT HORIZONTAL DEFLECTION)
HIGH VOLTAGE DAMPER DIODE
K
A
TO-220FPAC
DTV1500HFP
A
K
K
A
ISOWATT220AC
DTV1500HF
K
A
TO-220AC
DTV1500HD


유사한 부품 번호 - DTV1500

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
DTV1500LFP STMICROELECTRONICS-DTV1500LFP Datasheet
42Kb / 5P
(CRT HORIZONTAL DEFLECTION) HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500M STMICROELECTRONICS-DTV1500M Datasheet
90Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500MD STMICROELECTRONICS-DTV1500MD Datasheet
90Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500MF STMICROELECTRONICS-DTV1500MF Datasheet
90Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500MFP STMICROELECTRONICS-DTV1500MFP Datasheet
90Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
More results

유사한 설명 - DTV1500

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
DTV STMICROELECTRONICS-DTV Datasheet
141Kb / 10P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Aug-1999
DTV1500MXX STMICROELECTRONICS-DTV1500MXX Datasheet
90Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV32G-1500B STMICROELECTRONICS-DTV32G-1500B Datasheet
85Kb / 6P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Nov-1997
logo
Sanyo Semicon Device
2SC3176 SANYO-2SC3176 Datasheet
73Kb / 3P
CRT Horizontal Deflection Output Applications (with Damper Diode)
logo
Fairchild Semiconductor
KSC5802 FAIRCHILD-KSC5802 Datasheet
85Kb / 5P
High Voltage Color Display Horizontal Deflection Output (No Damper Diode)
logo
KEC(Korea Electronics)
KSC5803 KEC-KSC5803 Datasheet
90Kb / 5P
High Voltage Color Display Horizontal Deflection Output(No Damper Diode)
logo
Fairchild Semiconductor
KSD5703 FAIRCHILD-KSD5703 Datasheet
69Kb / 5P
High Voltage Color Display Horizontal Deflection Output (No Damper Diode)
KSC5801 FAIRCHILD-KSC5801 Datasheet
79Kb / 6P
High Voltage Color Display Horizontal Deflection Output (Damper Diode Built In)
logo
STMicroelectronics
DTV1500LFP STMICROELECTRONICS-DTV1500LFP Datasheet
42Kb / 5P
(CRT HORIZONTAL DEFLECTION) HIGH VOLTAGE DAMPER DIODE
Jan-2002
logo
Fairchild Semiconductor
KSD5702 FAIRCHILD-KSD5702 Datasheet
80Kb / 5P
High Voltage Color Display Horizontal Deflection Output (Damper Diode Built In)
More results


Html Pages

1 2 3 4 5 6 7 8