전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4950TS 데이터시트(PDF) 19 Page - Texas Instruments

부품명 LM4950TS
상세설명  LM4950 Boomer ™ Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LM4950TS 데이터시트(HTML) 19 Page - Texas Instruments

Back Button LM4950TS Datasheet HTML 15Page - Texas Instruments LM4950TS Datasheet HTML 16Page - Texas Instruments LM4950TS Datasheet HTML 17Page - Texas Instruments LM4950TS Datasheet HTML 18Page - Texas Instruments LM4950TS Datasheet HTML 19Page - Texas Instruments LM4950TS Datasheet HTML 20Page - Texas Instruments LM4950TS Datasheet HTML 21Page - Texas Instruments LM4950TS Datasheet HTML 22Page - Texas Instruments LM4950TS Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LM4950
www.ti.com
SNAS174E – JULY 2003 – REVISED MAY 2013
The gain of the internal amplifiers remains unity until the voltage on the bypass pin reaches VDD/2. As soon as
the voltage on the bypass pin is stable, the device becomes fully operational and the amplifier outputs are
reconnected to their respective output pins. Although the BYPASS pin current cannot be modified, changing the
size of CBYPASS alters the device's turn-on time. Here are some typical turn-on times for various values of
CBYPASS:
CB (µF)
TON (ms)
1.0
120
2.2
120
4.7
200
10
440
In order eliminate "clicks and pops", all capacitors must be discharged before turn-on. Rapidly switching VDD may
not allow the capacitors to fully discharge, which may cause "clicks and pops".
There is a relationship between the value of CIN and CBYPASS that ensures minimum output transient when power
is applied or the shutdown mode is deactivated. Best performance is achieved by setting the time constant
created by CIN and Ri + Rf to a value less than the turn-on time for a given value of CBYPASS as shown in the table
above.
DRIVING PIEZO-ELECTRIC SPEAKER TRANSDUCERS
The LM4950 is able to drive capacitive piezo-electric transducer loads that are less than equal to 200nF. Stable
operation is assured by placing 33pF capacitors in parallel with the 20k
Ω feedback resistors. The additional
capacitors are shown in Figure 66.
When driving piezo-electric tranducers, sound quality and accoustic power is entirely dependent upon a
transducer's frequency response and efficiency. In this application, power dissipated by the LM4950 is very low,
typically less than 250mW when driving a 200nF piezo-electric transduce (VDD = 12V).
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM4950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32