| 전자부품 데이터시트 검색엔진 |
|
LM5175PWPR.A 데이터시트(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM5175PWPR.A 데이터시트(HTML) 21 Page - Texas Instruments |
|
21 / 43 page ![]() IN(MAX) OUT OUT BUCK OUT(MAX) sw IN(MAX) (V V ) V L 11.1 H 0.4 I F V u P u u u OUT FB2 FB1 V 0.8 V R R 280 k 0.8 V u : FB1 R 20 k: 21 LM5175 www.ti.com SNVSA37A – OCTOBER 2015 – REVISED MAY 2016 Product Folder Links: LM5175 Submit Documentation Feedback Copyright © 2015–2016, Texas Instruments Incorporated Typical Application (continued) 9.2.1 Design Requirements For this design example, the following are used as the input parameters. DESIGN PARAMETER EXAMPLE VALUE Input Voltage Range 6 V to 36 V Output 12 V Load Current 6 A Switching Frequency 300 kHz Mode CCM, Hiccup 9.2.2 Detailed Design Procedure 9.2.2.1 Custom Design with WEBENCH Tools Click here to create a custom design using the LM5175 device with the WEBENCH® Power Designer. 1. Start by entering your VIN, VOUT and IOUT requirements. 2. Optimize your design for key parameters like efficiency, footprint and cost using the optimizer dial and compare this design with other possible solutions from Texas Instruments. 3. WEBENCH Power Designer provides you with a customized schematic along with a list of materials with real time pricing and component availability. 4. In most cases, you will also be able to: – Run electrical simulations to see important waveforms and circuit performance, – Run thermal simulations to understand the thermal performance of your board, – Export your customized schematic and layout into popular CAD formats, – Print PDF reports for the design, and share your design with colleagues. 5. Get more information about WEBENCH tools at www.ti.com/webench. 9.2.2.2 Frequency The switching frequency of LM5175 is set by an RT resistor connected from RT/SYNC pin to AGND. The RT resistor required to set the desired frequency is calculated using Equation 5 or Figure 3 . A 1% standard resistor of 84.5 k Ω is selected for Fsw = 300 kHz. 9.2.2.3 VOUT The output voltage is set using a resistor divider to the FB pin. The internal reference voltage is 0.8 V. Normally the bottom resistor in the resistor divider is selected to be in the 1 k Ω to 100 kΩ range. Select (11) The top resistor in the feedback resistor divider is selected using Equation 12: (12) 9.2.2.4 Inductor Selection The inductor selection is based on consideration of both buck and boost modes of operation. For the buck mode, inductor selection is based on limiting the peak to peak current ripple ΔIL to ~40% of the maximum inductor current at the maximum input voltage. The target inductance for the buck mode is: (13) For the boost mode, the inductor selection is based on limiting the peak to peak current ripple ΔIL to ~40% of the maximum inductor current at the minimum input voltage. The target inductance for the boost mode is: |