| 전자부품 데이터시트 검색엔진 |
|
SPC563M64L5 데이터시트(PDF) 90 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC563M64L5 데이터시트(HTML) 90 Page - STMicroelectronics |
|
90 / 128 page ![]() Electrical characteristics SPC563M64x, SPC563M60x 90/128 DocID14642 Rev 12 4.10 Oscillator and PLLMRFM electrical characteristics Table 27. DSPI LVDS pad specification (1) # Characteristic Symbol C Condition Min. Value Typ. Value Max. Value Unit Data Rate 4 Data Frequency F LVDSCLK CC D 50 MHz Driver Specs 5 Differential output voltage VOD CC P SRC=0b00 or 0b11 150 430 mV CC P SRC=0b01 90 340 CC P SRC=0b10 155 480 6 Common mode voltage (LVDS), VOS VOS CC P 0.8 1.2 1.6 V 7 Rise/Fall time TR/TF CC D 2 ns 8 Propagation delay (Low to High) TPLH CC D 4 ns 9 Propagation delay (High to Low) TPHL CC D 4 ns 10 Delay (H/L), sync Mode tPDSYNC CC D 4 ns 11 Delay, Z to Normal (High/Low) TDZ CC D 500 ns 12 Diff Skew Itphla-tplhbI or Itplhb-tphlaI TSKEW CC D 0.5 ns Termination 13 Trans. Line (differential Zo) CC D 95 100 105 W 14 Temperature CC D –40 150 C 1. These are typical values that are estimated from simulation. Table 28. PLLMRFM electrical specifications (VDDPLL =1.14 V to 1.32 V, VSS = VSSPLL = 0 V, TA = TL to TH) Symbol C Parameter Conditions Value Unit Min Max fref_crystal fref_ext CC D PLL reference frequency range(1) Crystal reference 4 20 MHz C External reference 4 80 fpll_in CC P Phase detector input frequency range (after pre-divider) —4 16 MHz fvco CC P VCO frequency range(2) —256 512 MHz fsys CC C On-chip PLL frequency(1) —16 80 MHz |