| 전자부품 데이터시트 검색엔진 |
|
SPC563M60L5 데이터시트(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC563M60L5 데이터시트(HTML) 45 Page - STMicroelectronics |
|
45 / 128 page ![]() WKPCFG NMI DSPI_B_SOUT GPIO[213] Weak Pull Config. Input Non-Maskable Interrupt DSPI_B Data Output GPIO PCR[213] 01 11 10 00 I I O I/O VDDEH6a Slow WKPCFG / Up – / Up 71 86 Calibration(8) CAL_ADDR[12:15](9) Calibration Address Bus PCR[340] — O VDDE12 Fast O / Low CAL_ADDR / Low —— CAL_ADDR[16](18) ALT_MDO[0](10) Calibration Address Bus Nexus Msg Data Out PCR[345] — O O VDDE12(11) Fast O / Low(12) MDO / ALT_ADDR(10) / Low —17 CAL_ADDR[17](18) ALT_MDO[1](10) Calibration Address Bus Nexus Msg Data Out PCR[345] — O O VDDE12(11) Fast O / Low(12) ALT_MDO / CAL_ADDR(10) / Low —18 CAL_ADDR[18](18) ALT_MDO[2](10) Calibration Address Bus Nexus Msg Data Out PCR[345] — O O VDDE12(11) Fast O / Low(12) ALT_MDO / CAL_ADDR(10) / Low —19 CAL_ADDR[19](18) ALT_MDO[3](10) Calibration Address Bus Nexus Msg Data Out PCR[345] — O O VDDE12(11) Fast O / Low(12) ALT_MDO / CAL_ADDR(10) / Low —20 CAL_ADDR[20:27] ALT_MDO[4:11] Calibration Address Bus Nexus Msg Data Out PCR[345] — O O VDDE12(11) Fast O / Low ALT_MDO / CAL_ADDR(13) / Low —— CAL_ADDR[28](18) ALT_MSEO[0](10) Calibration Address Bus Nexus Msg Start/End Out PCR[345] — O O VDDE12(11) Fast O / Low(14) ALT_MSEO(13) / CAL_ADDR(14)/ Low —118 CAL_ADDR[29](18) ALT_MSEO[1](10) Calibration Address Bus Nexus Msg Start/End Out PCR[345] — O O VDDE12(11) Fast O / Low(14) ALT_MSEO(13) / CAL_ADDR(14)/ Low —117 Table 4. SPC563Mx signal properties (continued) Name Function(1) Pad Config. Register (PCR)(2) PCR PA Field(3) I/O Type Voltage(4) / Pad Type Reset State(5) Function / State After Reset(6) Pin No. LQFP 144 LQFP 176 |