전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPA001AH 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 STPA001AH
상세설명  4 x 50 W MOSFET quad bridge power amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA001AH 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button STPA001AH Datasheet HTML 12Page - STMicroelectronics STPA001AH Datasheet HTML 13Page - STMicroelectronics STPA001AH Datasheet HTML 14Page - STMicroelectronics STPA001AH Datasheet HTML 15Page - STMicroelectronics STPA001AH Datasheet HTML 16Page - STMicroelectronics STPA001AH Datasheet HTML 17Page - STMicroelectronics STPA001AH Datasheet HTML 18Page - STMicroelectronics STPA001AH Datasheet HTML 19Page - STMicroelectronics STPA001AH Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
General information
STPA001
16/26
DocID023043 Rev 7
design, allows a continuous operation when battery falls down. At 6 V it is still fully
operational, only the maximum output power is reduced accordingly to the available voltage
supply.
If the battery voltage drops below the minimum operating voltage of 6V the amplifier is fast
muted, the capacitor on SVR is discharged and the amplifier restarts when the battery
voltage returns to the correct voltage.
4.2.2
Cranks
STPA001 can sustain worst case cranks from 16 V to 6 V, continuing to play and without
producing any pop noise.
Examples of battery cranking curves are shown below, indicating the shape and duration of
allowed battery transitions.
Figure 21. Battery cranking curve example 1
V1 = 16 V; V2 = 6 V; V3 = 7 V; V4 = 8 V
t1 = 2 ms; t2 = 50 ms; t3 = 5 ms; t4 = 300 ms; t5 =10 ms; t6 = 1 s; t7 = 2 ms
Figure 22. Battery cranking curve example 2
V1 = 16 V; V2 = 6 V; V3 = 7 V
t1 = 2 ms; t2 = 5 ms; t3 = 15 ms; t5 = 1 s; t6 = 50 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26