전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPM13 데이터시트(PDF) 42 Page - STMicroelectronics

부품명 STPM13
상세설명  Single phase energy metering IC with pulsed output and digital calibration
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM13 데이터시트(HTML) 42 Page - STMicroelectronics

Back Button STPM13 Datasheet HTML 38Page - STMicroelectronics STPM13 Datasheet HTML 39Page - STMicroelectronics STPM13 Datasheet HTML 40Page - STMicroelectronics STPM13 Datasheet HTML 41Page - STMicroelectronics STPM13 Datasheet HTML 42Page - STMicroelectronics STPM13 Datasheet HTML 43Page - STMicroelectronics STPM13 Datasheet HTML 44Page - STMicroelectronics STPM13 Datasheet HTML 45Page - STMicroelectronics STPM13 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
Package mechanical data
STPM11, STPM12, STPM13, STPM14
42/46
Doc ID 13167 Rev 8
11
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46