| 전자부품 데이터시트 검색엔진 |
|
STM32L443CC 데이터시트(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443CC 데이터시트(HTML) 65 Page - STMicroelectronics |
|
65 / 215 page ![]() DS11421 Rev 4 65/215 STM32L443CC STM32L443RC STM32L443VC Pinouts and pin description 86 - - - - - - 41 L8 PE10 I/O FT - TIM1_CH2N, TSC_G5_IO1, QUADSPI_CLK, SAI1_MCLK_B, EVENTOUT - - - - --- 42 M9 PE11 I/O FT - TIM1_CH2, TSC_G5_IO2, QUADSPI_BK1_NCS, EVENTOUT - - - - - - - 43 L9 PE12 I/O FT - TIM1_CH3N, SPI1_NSS, TSC_G5_IO3, QUADSPI_BK1_IO0, EVENTOUT - - - - --- 44 M10 PE13 I/O FT - TIM1_CH3, SPI1_SCK, TSC_G5_IO4, QUADSPI_BK1_IO1, EVENTOUT - - - - --- 45 M11 PE14 I/O FT - TIM1_CH4, TIM1_BKIN2, TIM1_BKIN2_COMP2, SPI1_MISO, QUADSPI_BK1_IO2, EVENTOUT - - - - --- 46 M12 PE15 I/O FT - TIM1_BKIN, TIM1_BKIN_COMP1, SPI1_MOSI, QUADSPI_BK1_IO3, EVENTOUT - 21 21 E3 H4 29 G7 47 L10 PB10 I/O FT_fl - TIM2_CH3, I2C2_SCL, SPI2_SCK, USART3_TX, LPUART1_RX, TSC_SYNC, QUADSPI_CLK, LCD_SEG10, COMP1_OUT, SAI1_SCK_A, EVENTOUT - 22 22 F2 H3 30 H7 48 L11 PB11 I/O FT_fl - TIM2_CH4, I2C2_SDA, USART3_RX, LPUART1_TX, QUADSPI_BK1_NCS, LCD_SEG11, COMP2_OUT, EVENTOUT - 23 23 G2 H2 31 D6 49 F12 VSS S - - - - 24 24 G1 H1 32 E6 50 G12 VDD S - - - - Table 14. STM32L443xx pin definitions (continued) Pin Number Pin functions Alternate functions Additional functions |